Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321XX Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST72321XX
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321XX Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST72321XX Datasheet HTML 75Page - STMicroelectronics ST72321XX Datasheet HTML 76Page - STMicroelectronics ST72321XX Datasheet HTML 77Page - STMicroelectronics ST72321XX Datasheet HTML 78Page - STMicroelectronics ST72321XX Datasheet HTML 79Page - STMicroelectronics ST72321XX Datasheet HTML 80Page - STMicroelectronics ST72321XX Datasheet HTML 81Page - STMicroelectronics ST72321XX Datasheet HTML 82Page - STMicroelectronics ST72321XX Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 243 page
background image
ST72321xx-Auto
Watchdog timer (WDG)
Doc ID 13829 Rev 1
79/243
Figure 33.
Exact timeout duration (tmin and tmax)
WHERE:
tmin0 = (LSB + 128) x 64 x tOSC2
tmax0 = 16384 x tOSC2
tOSC2 = 125ns if fOSC2=8 MHz
CNT = Value of T[5:0] bits in the WDGCR register (6 bits)
MSB and LSB are values from the table below depending on the timebase selected by the TB[1:0] bits
in the MCCSR register
To calculate the minimum Watchdog Timeout (tmin):
IF
THEN
ELSE
To calculate the maximum Watchdog Timeout (tmax):
IF
THEN
ELSE
Note: In the above formulae, division results must be rounded down to the next integer value.
Example:
With 2ms timeout selected in MCCSR register
TB1 bit
(MCCSR reg.)
TB0 bit
(MCCSR reg.)
Selected MCCSR
timebase
MSB
LSB
0
0
2ms
4
59
0
1
4ms
8
53
1
0
10ms
20
35
1
1
25ms
49
54
Value of T[5:0] bits in
WDGCR register (Hex.)
Min. Watchdog
Timeout (ms)
tmin
Max. Watchdog
Timeout (ms)
tmax
00
1.496
2.048
3F
128
128.552
CNT
MSB
4
-------------
<
t
min
t
min0
16384
CNT
t
osc2
+
=
t
min
t
min0
16384
CNT
4CNT
MSB
-----------------
–


192
LSB
+
 64
4CNT
MSB
-----------------
+
t
osc2
+
=
CNT
MSB
4
-------------
t
max
t
max0
16384
CNT
t
osc2
+
=
t
max
t
max0
16384
CNT
4CNT
MSB
-----------------
–


192
LSB
+
 64
4CNT
MSB
-----------------
+
t
osc2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com