| Electronic Components Datasheet Search |
|
ST72344K4 Datasheet(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344K4 Datasheet(HTML) 60 Page - STMicroelectronics |
|
60 / 247 page ![]() Interrupts ST72344xx, ST2345xx 60/247 Doc ID 12321 Rev 6 8.6 External interrupts 8.6.1 I/O port interrupt sensitivity The external interrupt sensitivity is controlled by the IPA, IPB and ISxx bits of the EICR register (Figure 24). This control allows to have up to 4 fully independent external interrupt source sensitivities. Each external interrupt source can be generated on four (or five) different events on the pin: ● Falling edge ● Rising edge ● Falling and rising edge ● Falling edge and low level ● Rising edge and high level (only for ei0 and ei2) To guarantee correct functionality, the sensitivity bits in the EICR register can be modified only when the I1 and I0 bits of the CC register are both set to 1 (level 3). This means that interrupts must be disabled before changing sensitivity. The pending interrupts are cleared by writing a different value in the ISx[1:0], IPA or IPB bits of the EICR. Figure 24. External interrupt control bits IS10 IS11 EICR SENSITIVITY CONTROL PBOR.3 PBDDR.3 IPB BIT PB3 ei2 INTERRUPT SOURCE PORT B [3:0] INTERRUPTS PB3 PB2 PB1 PB0 IS10 IS11 EICR SENSITIVITY CONTROL PBOR.4 PBDDR.4 PB4 ei3 INTERRUPT SOURCE PORT B4 INTERRUPT PB4 IS20 IS21 EICR SENSITIVITY CONTROL PAOR.3 PADDR.3 IPA BIT PA3 ei0 INTERRUPT SOURCE PORT A3, E1 INTERRUPTS IS20 IS21 EICR SENSITIVITY CONTROL PFOR.2 PFDDR.2 PF2 ei1 INTERRUPT SOURCE PORT F [2:0] INTERRUPTS PF2 PF1 PF0 PE1 PA3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |