| Electronic Components Datasheet Search |
|
ST72344K4 Datasheet(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344K4 Datasheet(HTML) 94 Page - STMicroelectronics |
|
94 / 247 page ![]() On-chip peripherals ST72344xx, ST2345xx 94/247 Doc ID 12321 Rev 6 11.3.3 Functional description Counter The main block of the programmable timer is a 16-bit free running upcounter and its associated 16-bit registers. The 16-bit registers are made up of two 8-bit registers called high & low. Counter Register (CR): ● Counter High Register (CHR) is the most significant byte (MS Byte). ● Counter Low Register (CLR) is the least significant byte (LS Byte). Alternate Counter Register (ACR) ● Alternate Counter High Register (ACHR) is the most significant byte (MS Byte). ● Alternate Counter Low Register (ACLR) is the least significant byte (LS Byte). These two read-only 16-bit registers contain the same value but with the difference that reading the ACLR register does not clear the TOF bit (Timer overflow flag) located in the Status register (SR). (See the following Note:). Writing in the CLR register or ACLR register resets the free running counter to the FFFCh value. Both counters have a reset value of FFFCh (this is the only value which is reloaded in the 16-bit timer). The reset value of both counters is also FFFCh in One-pulse mode and PWM mode. The timer clock depends on the clock control bits of the CR2 register, as illustrated in Table 50: Clock control bits. The value in the counter register repeats every 131 072, 262 144 or 524 288 CPU clock cycles, depending on the CC[1:0] bits. The timer frequency can be fCPU/2, fCPU/4, fCPU/8 or an external frequency. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |