| Electronic Components Datasheet Search |
|
ST72344K4 Datasheet(PDF) 136 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344K4 Datasheet(HTML) 136 Page - STMicroelectronics |
|
136 / 247 page ![]() On-chip peripherals ST72344xx, ST2345xx 136/247 Doc ID 12321 Rev 6 Overrun error An overrun error occurs when a character is received and RDRF has not been reset. Data cannot be transferred from the shift register to the RDR register until the RDRF bit is cleared. When a overrun error occurs: – The OR bit is set. – The RDR content is not lost. – The shift register is overwritten. – An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR register. The OR bit is reset by an access to the SCISR register followed by a SCIDR register read operation. Noise error Oversampling techniques are used for data recovery by discriminating between valid incoming data and noise. Normal data bits are considered valid if three consecutive samples (8th, 9th, 10th) have the same bit value, otherwise the NF flag is set. In the case of start bit detection, the NF flag is set on the basis of an algorithm combining both valid edge detection and three samples (8th, 9th, 10th). Therefore, to prevent the NF flag getting set during start bit reception, there should be a valid edge detection as well as three valid samples. When noise is detected in a frame: – The NF flag is set at the rising edge of the RDRF bit. – Data is transferred from the Shift register to the SCIDR register. – No interrupt is generated. However this bit rises at the same time as the RDRF bit which itself generates an interrupt. The NF flag is reset by a SCISR register read operation followed by a SCIDR register read operation. During reception, if a false start bit is detected (e.g. 8th, 9th, 10th samples are 011,101,110), the frame is discarded and the receiving sequence is not started for this frame. There is no RDRF bit set for this frame and the NF flag is set internally (not accessible to the user). This NF flag is accessible along with the RDRF bit when a next valid frame is received. Note: If the application Start Bit is not long enough to match the above requirements, then the NF flag may get set due to the short Start Bit. In this case, the NF flag may be ignored by the application software when the first valid byte is received. See also Noise error causes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |