Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72344K4 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 171Page - STMicroelectronics ST72344K4 Datasheet HTML 172Page - STMicroelectronics ST72344K4 Datasheet HTML 173Page - STMicroelectronics ST72344K4 Datasheet HTML 174Page - STMicroelectronics ST72344K4 Datasheet HTML 175Page - STMicroelectronics ST72344K4 Datasheet HTML 176Page - STMicroelectronics ST72344K4 Datasheet HTML 177Page - STMicroelectronics ST72344K4 Datasheet HTML 178Page - STMicroelectronics ST72344K4 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
175/247
Figure 75.
Transfer sequencing
Legend: S = Start, P = Stop, A = Acknowledge, NA = Non-acknowledge,
WF = WF event, WFx bit is set (with interrupt if ITWEx=1, after Stop or Restart conditions),
cleared by reading the I2C3SSR register while no communication is ongoing.
RF = RF event, RFx is set (with interrupt if ITREx=1, after Stop or Restart conditions),
cleared by reading the I2C3SSR register while no communication is ongoing.
BusyW = BusyW flag in the I2C3CR2 register set, cleared by software writing 0.
Note:
The I2C3S supports a repeated start (Sr) in place of a stop condition (P).
Figure 76.
Byte write
Figure 77.
Page write
Figure 78.
Current address read
Figure 79.
Random read (dummy write + restart + current address read)
7-bit Slave receiver:
7-bit Slave transmitter:
S Address A
Data1
A
Data2
A
.....
DataN
A P
WF
BusyW
S Address A
Data1
A
Data2
A
.....
DataN NA P
RF
SA
W
Ack
Start
Ack
Data
Ack
Stop
BA
SA
W
Ack
Start
Data
BA
Ack
Stop
Ack
Data
Ack
SA
Start
Data
Nack
Stop
RAck
Start
Ack
Ack Start
SA
R
Ack
Data
Nack
Stop
W
SA
BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com