Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72344K4 Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 176Page - STMicroelectronics ST72344K4 Datasheet HTML 177Page - STMicroelectronics ST72344K4 Datasheet HTML 178Page - STMicroelectronics ST72344K4 Datasheet HTML 179Page - STMicroelectronics ST72344K4 Datasheet HTML 180Page - STMicroelectronics ST72344K4 Datasheet HTML 181Page - STMicroelectronics ST72344K4 Datasheet HTML 182Page - STMicroelectronics ST72344K4 Datasheet HTML 183Page - STMicroelectronics ST72344K4 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
180/247
Doc ID 12321 Rev 6
Bit 1 = BusyW Busy on Write to RAM Buffer
This bit is set by hardware when a Stop/ Restart is detected after a write operation. The
I2C3S peripheral is temporarily disabled till this bit is reset. This bit is cleared by
software. If this bit is not cleared before the next slave address reception, further
communication will be non-acknowledged. This bit is set to 1 when modifying any bits
in Control Register 2. Writing a 1 to this bit does not actually modify BusyW but
prevents accidentally clearing of the bit.
0: No BusyW event occurred
1: A Stop/ Restart is detected after a write operation
Bit 0 = B/W Byte / Word Mode
This control bit must be set by software before a word is updated in the RAM buffer and
cleared by hardware after completion of the word update. In Word mode the CPU
cannot be interrupted when it is modifying the LSB byte and MSB byte of the word. This
mode is to ensure the coherency of data stored as words.
0: Byte mode
1: Word mode
Note:
When the word mode is enabled, all interrupts should be masked while the word is being
written in RAM.
I2C3S status register (I2C3SSR)
Reset value: 0000 0000 (00h)
Bit 7= NACK Non Acknowledge not followed by Stop
This bit is set by hardware when a non acknowledge returned by the master is not
followed by a Stop or Restart condition. It is cleared by software reading the SR register
or by hardware when the interface is disabled (PE=0).
0: No NACK error occurred
1: Non Acknowledge not followed by Stop
Bit 6 = BERR Bus error
This bit is set by hardware when the interface detects a misplaced Start or Stop
condition. It is cleared by software reading SR register or by hardware when the
interface is disabled (PE=0).
The SCL line is not held low while BERR=1.
0: No misplaced Start or Stop condition
1: Misplaced Start or Stop condition
Bit 5 = WF3 Write operation to Slave 3
This bit is set by hardware on reception of the direction bit in the I2C address byte for
Slave 3. This bit is cleared when the status register is read and there is no
communication ongoing or when the peripheral is disabled (PE = 0)
0: No write operation to Slave 3
1: Write operation performed to Slave 3
7
0
NACK
BERR
WF3
WF2
WF1
RF3
RF2
RF1
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com