Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72344S2 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 90Page - STMicroelectronics ST72344S2 Datasheet HTML 91Page - STMicroelectronics ST72344S2 Datasheet HTML 92Page - STMicroelectronics ST72344S2 Datasheet HTML 93Page - STMicroelectronics ST72344S2 Datasheet HTML 94Page - STMicroelectronics ST72344S2 Datasheet HTML 95Page - STMicroelectronics ST72344S2 Datasheet HTML 96Page - STMicroelectronics ST72344S2 Datasheet HTML 97Page - STMicroelectronics ST72344S2 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
94/247
Doc ID 12321 Rev 6
11.3.3
Functional description
Counter
The main block of the programmable timer is a 16-bit free running upcounter and its
associated 16-bit registers. The 16-bit registers are made up of two 8-bit registers called
high & low.
Counter Register (CR):
●
Counter High Register (CHR) is the most significant byte (MS Byte).
●
Counter Low Register (CLR) is the least significant byte (LS Byte).
Alternate Counter Register (ACR)
●
Alternate Counter High Register (ACHR) is the most significant byte (MS Byte).
●
Alternate Counter Low Register (ACLR) is the least significant byte (LS Byte).
These two read-only 16-bit registers contain the same value but with the difference that
reading the ACLR register does not clear the TOF bit (Timer overflow flag) located in the
Status register (SR). (See the following Note:).
Writing in the CLR register or ACLR register resets the free running counter to the FFFCh
value.
Both counters have a reset value of FFFCh (this is the only value which is reloaded in the
16-bit timer). The reset value of both counters is also FFFCh in One-pulse mode and PWM
mode.
The timer clock depends on the clock control bits of the CR2 register, as illustrated in
Table 50: Clock control bits. The value in the counter register repeats every 131 072, 262
144 or 524 288 CPU clock cycles, depending on the CC[1:0] bits.
The timer frequency can be fCPU/2, fCPU/4, fCPU/8 or an external frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com