Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72344S2 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 29Page - STMicroelectronics ST72344S2 Datasheet HTML 30Page - STMicroelectronics ST72344S2 Datasheet HTML 31Page - STMicroelectronics ST72344S2 Datasheet HTML 32Page - STMicroelectronics ST72344S2 Datasheet HTML 33Page - STMicroelectronics ST72344S2 Datasheet HTML 34Page - STMicroelectronics ST72344S2 Datasheet HTML 35Page - STMicroelectronics ST72344S2 Datasheet HTML 36Page - STMicroelectronics ST72344S2 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 247 page
background image
ST72344xx, ST2345xx
Data EEPROM
Doc ID 12321 Rev 6
33/247
Figure 9.
Data EEPROM write operation
Note:
If a programming cycle is interrupted (by reset action), the integrity of the data in memory
will not be guaranteed.
5.4
Power saving modes
5.4.1
Wait mode
The data EEPROM can enter Wait mode on execution of the WFI instruction of the
microcontroller or when the microcontroller enters Active Halt mode.The data EEPROM will
immediately enter this mode if there is no programming in progress, otherwise the data
EEPROM will finish the cycle and then enter Wait mode.
5.4.2
Active-halt mode
Refer to Wait mode.
5.4.3
Halt mode
The data EEPROM immediately enters Halt mode if the microcontroller executes the Halt
instruction. Therefore the EEPROM will stop the function in progress, and data may be
corrupted.
5.5
Access error handling
If a read access occurs while E2LAT = 1, then the data bus will not be driven.
If a write access occurs while E2LAT = 0, then the data on the bus will not be latched.
If a programming cycle is interrupted (by reset action), the integrity of the data in memory
will not be guaranteed.
Byte 1 Byte 2
Byte 32
PHASE 1
Programming cycle
Read operation impossible
PHASE 2
Read operation possible
E2LAT bit
E2PGM bit
Writing data latches
Waiting E2PGM and E2LAT to fall
Set by USER application
Cleared by hardware
⇓ Row / Byte ⇒ 0 1 2 3
...
30 31
Physical address
0
00h...1Fh
1
20h...3Fh
...
N
Nx20h...Nx20h+1Fh
Row
definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com