Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8L151K6
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8L151K6 Datasheet HTML 17Page - STMicroelectronics STM8L151K6 Datasheet HTML 18Page - STMicroelectronics STM8L151K6 Datasheet HTML 19Page - STMicroelectronics STM8L151K6 Datasheet HTML 20Page - STMicroelectronics STM8L151K6 Datasheet HTML 21Page - STMicroelectronics STM8L151K6 Datasheet HTML 22Page - STMicroelectronics STM8L151K6 Datasheet HTML 23Page - STMicroelectronics STM8L151K6 Datasheet HTML 24Page - STMicroelectronics STM8L151K6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 142 page
background image
DocID15962 Rev 15
21/142
STM8L151x4/6, STM8L152x4/6
Functional overview
58
Note:
ADC1 can be served by DMA1.
3.10
Digital-to-analog converter (DAC)
•
12-bit DAC with output buffer
•
Synchronized update capability using TIM4
•
DMA capability
•
External triggers for conversion
•
Input reference voltage VREF+ for better resolution
Note:
DAC can be served by DMA1.
3.11
Ultra-low-power comparators
The medium-density STM8L151x4/6 and STM8L152x4/6 embed two comparators (COMP1
and COMP2) sharing the same current bias and voltage reference. The voltage reference
can be internal or external (coming from an I/O).
•
One comparator with fixed threshold (COMP1).
•
One comparator rail to rail with fast or slow mode (COMP2). The threshold can be one
of the following:
–
DAC output
–
External I/O
–
Internal reference voltage or internal reference voltage sub multiple (1/4, 1/2, 3/4)
The two comparators can be used together to offer a window function. They can wake up
from Halt mode.
3.12
System configuration controller and routing interface
The system configuration controller provides the capability to remap some alternate
functions on different I/O ports. TIM4 and ADC1 DMA channels can also be remapped.
The highly flexible routing interface allows application software to control the routing of
different I/Os to the TIM1 timer input captures. It also controls the routing of internal analog
signals to ADC1, COMP1, COMP2, DAC and the internal reference voltage VREFINT. It also
provides a set of registers for efficiently managing the charge transfer acquisition sequence
(Section 3.13: Touch sensing).
3.13
Touch sensing
Medium-density STM8L151x4/6 and STM8L152x4/6 devices provide a simple solution for
adding capacitive sensing functionality to any application. Capacitive sensing technology is
able to detect finger presence near an electrode which is protected from direct touch by a
dielectric (example, glass, plastic). The capacitive variation introduced by a finger (or any
conductive object) is measured using a proven implementation based on a surface charge
transfer acquisition principle. It consists of charging the electrode capacitance and then
transferring a part of the accumulated charges into a sampling capacitor until the voltage
across this capacitor has reached a specific threshold. In medium-density STM8L151x4/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com