Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K6 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8L151K6
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K6 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8L151K6 Datasheet HTML 32Page - STMicroelectronics STM8L151K6 Datasheet HTML 33Page - STMicroelectronics STM8L151K6 Datasheet HTML 34Page - STMicroelectronics STM8L151K6 Datasheet HTML 35Page - STMicroelectronics STM8L151K6 Datasheet HTML 36Page - STMicroelectronics STM8L151K6 Datasheet HTML 37Page - STMicroelectronics STM8L151K6 Datasheet HTML 38Page - STMicroelectronics STM8L151K6 Datasheet HTML 39Page - STMicroelectronics STM8L151K6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 142 page
background image
Pinout and pin description
STM8L151x4/6, STM8L152x4/6
36/142
DocID15962 Rev 15
Note:
The slope control of all GPIO pins, except true open drain pins, can be programmed. By
default, the slope control is limited to 2 MHz.
-8
7 G4 VDD1/VDDA/VREF+
S-
-
--
-
-
-
Digital power supply / Analog
supply voltage / ADC1 positive
voltage reference
97
6 F4 VSS1/VSSA/VREF-
S-
-
--
-
-
-
I/O ground / Analog ground voltage
/
ADC1 negative voltage reference
39
-
-
- VDD2
S-
-
-
-
-
-
- IOs supply voltage
40
-
-
- VSS2
S-
-
-
-
-
-
- IOs ground voltage
132 28 A4
PA0(9)/[USART1_CK](4)/
SWIM/BEEP/IR_TIM (10)
I/O
X X(9) X
HS
(10)
XX Port A0
[USART1 synchronous
clock](4) / SWIM input
and output /
Beep output / Infrared
Timer output
1. At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA1
pin as general purpose output in the STM8L15x and STM8L16x reference manual (RM0031).
2. Available on STM8L152xx devices only.
3. In the 3.6 V tolerant I/Os, protection diode to VDD is not implemented.
4.
[ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
5. In the 5 V tolerant I/Os, protection diode to VDD is not implemented.
6. A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
7. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up and protection diode to VDD are
not implemented).
8. Available on STM8L151xx devices only.
9. The PA0 pin is in input pull-up during the reset phase and after reset release.
10. High Sink LED driver capability available on PA0.
Table 5. Medium-density STM8L151x4/6, STM8L152x4/6 pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com