Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S005K6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8S005K6
Description  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005K6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8S005K6 Datasheet HTML 1Page - STMicroelectronics STM8S005K6 Datasheet HTML 2Page - STMicroelectronics STM8S005K6 Datasheet HTML 3Page - STMicroelectronics STM8S005K6 Datasheet HTML 4Page - STMicroelectronics STM8S005K6 Datasheet HTML 5Page - STMicroelectronics STM8S005K6 Datasheet HTML 6Page - STMicroelectronics STM8S005K6 Datasheet HTML 7Page - STMicroelectronics STM8S005K6 Datasheet HTML 8Page - STMicroelectronics STM8S005K6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
This is information on a product in full production.
March 2015
DocID022186 Rev 4
1/97
STM8S005C6 STM8S005K6
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data
EEPROM, 10-bit ADC, timers, UART, SPI, I²C
Datasheet
- production data
Features
Core
 Max f
CPU: 16 MHz
 Advanced STM8 core with Harvard
architecture and 3-stage pipeline
 Extended instruction set
Memories
 Medium-density Flash/EEPROM
– Program memory: 32 Kbytes of Flash
memory; data retention 20 years at 55 °C
after 100 cycles
– Data memory: 128 bytes true data
EEPROM; endurance up to 100 k
write/erase cycles
 RAM: 2 Kbytes
Clock, reset and supply management
 2.95 V to 5.5 operating voltage
 Flexible clock control, 4 master clock sources
– Low-power crystal resonator oscillator
– External clock input
– Internal, user-trimmable 16 MHz RC
– Internal low-power 128 kHz RC
 Clock security system with clock monitor
 Power management
– Low-power modes (wait, active-halt, halt)
– Switch-off peripheral clocks individually
– Permanently active, low-consumption
power-on and power-down reset
Interrupt management
 Nested interrupt controller with 32 interrupts
 Up to 37 external interrupts on 6 vectors
Timers
 2x 16-bit general purpose timers, with 2+3
CAPCOM channels (IC, OC or PWM)
 Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-time
insertion and flexible synchronization
 8-bit basic timer with 8-bit prescaler
 Auto wakeup timer
 Window and independent watchdog timers
Communications interfaces
 UART with clock output for synchronous
operation, SmartCard, IrDA, LIN
 SPI interface up to 8 Mbit/s
 I2C interface up to 400 Kbit/s
Analog to digital converter (ADC)
 10-bit ADC, ± 1 LSB ADC with up to 10
multiplexed channels, scan mode and analog
watchdog
I/Os
 Up to 38 I/Os on a 48-pin package including 16
high-sink outputs
 Highly robust I/O design, immune against
current injection
Development support
 Embedded single-wire interface module
(SWIM) for fast on-chip programming and non-
intrusive debugging
LQFP48
7 x 7mm
LQFP32
7 x 7mm
www.st.com


Similar Part No. - STM8S005K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S005K6 STMICROELECTRONICS-STM8S005K6 Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
13-Jun-2012
STM8S005K6T6 STMICROELECTRONICS-STM8S005K6T6 Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
13-Jun-2012
STM8S005K6T6C STMICROELECTRONICS-STM8S005K6T6C Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
13-Jun-2012
STM8S005K6T6CTR STMICROELECTRONICS-STM8S005K6T6CTR Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
13-Jun-2012
STM8S005K6T6CTR STMICROELECTRONICS-STM8S005K6T6CTR Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
13-Jun-2012
More results

Similar Description - STM8S005K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
Instruction Set Reference Manual
Jul-1997
ST20C2 STMICROELECTRONICS-ST20C2 Datasheet
647Kb / 212P
Instruction Set Reference Manual
Jan-1996
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
SAM47 INSTRUCTION SET
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
08-Feb-2013
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
Extended instruction set
03-May-2017
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
Extended instruction set
25-Mar-2015
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
Extended instruction set
23-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com