Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S005K6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8S005K6
Description  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005K6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8S005K6 Datasheet HTML 27Page - STMicroelectronics STM8S005K6 Datasheet HTML 28Page - STMicroelectronics STM8S005K6 Datasheet HTML 29Page - STMicroelectronics STM8S005K6 Datasheet HTML 30Page - STMicroelectronics STM8S005K6 Datasheet HTML 31Page - STMicroelectronics STM8S005K6 Datasheet HTML 32Page - STMicroelectronics STM8S005K6 Datasheet HTML 33Page - STMicroelectronics STM8S005K6 Datasheet HTML 34Page - STMicroelectronics STM8S005K6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
DocID022186 Rev 4
31/97
STM8S005C6 STM8S005K6
Memory and register map
37
0x00 5216
I2C
I2C_DR
I2C data register
0x00
0x00 5217
I2C_SR1
I2C status register 1
0x00
0x00 5218
I2C_SR2
I2C status register 2
0x00
0x00 5219
I2C_SR3
I2C status register 3
0x00
0x00 521A
I2C_ITR
I2C interrupt control register
0x00
0x00 521B
I2C_CCRL
I2C clock control register low
0x00
0x00 521C
I2C_CCRH
I2C clock control register high
0x00
0x00 521D
I2C_TRISER
I2C TRISE register
0x02
0x00 521E
I2C_PECR
I2C packet error checking register
0x00
0x00 521F to
0x00 522F
Reserved area (17 bytes)
0x00 5230 to
0x00 523F
Reserved area (6 bytes)
0x00 5240
UART2
UART2_SR
UART2 status register
0xC0
0x00 5241
UART2_DR
UART2 data register
0xXX
0x00 5242
UART2_BRR1
UART2 baud rate register 1
0x00
0x00 5243
UART2_BRR2
UART2 baud rate register 2
0x00
0x00 5244
UART2_CR1
UART2 control register 1
0x00
0x00 5245
UART2_CR2
UART2 control register 2
0x00
0x00 5246
UART2_CR3
UART2 control register 3
0x00
0x00 5247
UART2_CR4
UART2 control register 4
0x00
0x00 5248
UART2_CR5
UART2 control register 5
0x00
0x00 5249
UART2_CR6
UART2 control register 6
0x00
0x00 524A
UART2_GTR
UART2 guard time register
0x00
0x00 524B
UART2_PSCR
UART2 prescaler register
0x00
0x00 524C to
0x00 524F
Reserved area (4 bytes)
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com