Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S007C8 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM8S007C8
Description  Extended instruction set
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM8S007C8 Datasheet HTML 74Page - STMicroelectronics STM8S007C8 Datasheet HTML 75Page - STMicroelectronics STM8S007C8 Datasheet HTML 76Page - STMicroelectronics STM8S007C8 Datasheet HTML 77Page - STMicroelectronics STM8S007C8 Datasheet HTML 78Page - STMicroelectronics STM8S007C8 Datasheet HTML 79Page - STMicroelectronics STM8S007C8 Datasheet HTML 80Page - STMicroelectronics STM8S007C8 Datasheet HTML 81Page - STMicroelectronics STM8S007C8 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
Electrical characteristics
STM8S007C8
78/92
DocID022171 Rev 5
Table 43. ADC accuracy with RAIN < 10 k, VDDA = 5 V
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error (1)
1.
ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins
should be avoided as this significantly reduces the accuracy of the conversion being performed on another
analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may
potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN) and
I
INJ(PIN) in Section 9.3.6 does not affect the ADC accuracy.
fADC = 2 MHz
1.0
2.5
LSB
fADC = 4 MHz
1.4
3
fADC = 6 MHz
1.6
3.5
|EO|
Offset error (1)
fADC = 2 MHz
0.6
2.0
fADC = 4 MHz
1.1
2.5
fADC = 6 MHz
1.2
2.5
|EG|
Gain error (1)
fADC = 2 MHz
0.2
2
fADC = 4 MHz
0.6
2.5
fADC = 6 MHz
0.8
2.5
|ED|
Differential linearity error (1)
fADC = 2 MHz
0.7
1.5
fADC = 4 MHz
0.7
1.5
fADC = 6 MHz
0.8
1.5
|EL|
Integral linearity error (1)
fADC = 2 MHz
0.6
1.5
fADC = 4 MHz
0.6
1.5
fADC = 6 MHz
0.6
1.5
Table 44. ADC accuracy with RAIN < 10 kRAIN, VDDA = 3.3 V
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error(1)
1.
ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins
should be avoided as this significantly reduces the accuracy of the conversion being performed on another
analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may
potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN) and
I
INJ(PIN) in Section 9.3.6 does not affect the ADC accuracy.
fADC = 2 MHz
1.1
2.0
LSB
fADC = 4 MHz
1.6
2.5
|EO|
Offset error(1)
fADC = 2 MHz
0.7
1.5
fADC = 4 MHz
1.3
2.0
|EG|
Gain error(1)
fADC = 2 MHz
0.2
1.5
fADC = 4 MHz
0.5
2.0
|ED|
Differential linearity error(1)
fADC = 2 MHz
0.7
1.0
fADC = 4 MHz
0.7
1.0
|EL|
Integral linearity error(1)
fADC = 2 MHz
0.6
1.5
fADC = 4 MHz
0.6
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com