| Electronic Components Datasheet Search |
|
STM8S105C4 Datasheet(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S105C4 Datasheet(HTML) 110 Page - STMicroelectronics |
|
110 / 121 page ![]() Ordering information STM8S105x4/6 110/121 DocID14771 Rev 15 Padding value for unused program memory (check only one option) OTP0 memory readout protection (check only one option) [ ] Disable or [ ] Enable OTP1 user boot code area (UBC) 0x(_ _) fill in the hexadecimal value, referring to the datasheet and the binary format below: OTP2 alternate function remapping [ ] 0xFF Fixed value [ ] 0x83 TRAP instruction code [ ] 0x75 Illegal opcode (causes a reset when executed) UBC, bit0 [ ] 0: Reset [ ] 1: Set UBC, bit1 [ ] 0: Reset [ ] 1: Set UBC, bit2 [ ] 0: Reset [ ] 1: Set UBC, bit3 [ ] 0: Reset [ ] 1: Set UBC, bit4 [ ] 0: Reset [ ] 1: Set UBC, bit5 [ ] 0: Reset [ ] 1: Set AFR0 (check only one option) [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description [ ] 1: Port D3 alternate function = ADC_ETR AFR1 (check only one option) [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description [ ] 1: Port A3 alternate function = TIM3_CH1, port D2 alternate function = TIM2_CH3 AFR2 (check only one option) [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description [ ] 1: Port D0 alternate function = CLK_CCO Note: if both AFR2 and AFR3 are activated, AFR2 option has priority over AFR3. AFR3 (check only one option) [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description [ ] 1: Port D0 alternate function = TIM1_BKIN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |