Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L162VC Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32L162VC
Description  Ultra-low-power platform
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162VC Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32L162VC Datasheet HTML 53Page - STMicroelectronics STM32L162VC Datasheet HTML 54Page - STMicroelectronics STM32L162VC Datasheet HTML 55Page - STMicroelectronics STM32L162VC Datasheet HTML 56Page - STMicroelectronics STM32L162VC Datasheet HTML 57Page - STMicroelectronics STM32L162VC Datasheet HTML 58Page - STMicroelectronics STM32L162VC Datasheet HTML 59Page - STMicroelectronics STM32L162VC Datasheet HTML 60Page - STMicroelectronics STM32L162VC Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 123 page
background image
DocID022881 Rev 10
57/123
STM32L162VC, STM32L162RC
104
Table 19. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
switched off
fHSE = fHCLK
up to 16 MHz,
included
fHSE = fHCLK/2 above
16 MHz
(PLL ON)(2)
Range 3,
VCORE=1.2 V VOS[1:0]
= 11
1 MHz
185
240
µA
2 MHz
345
410
4 MHz
645
880(3)
Range 2,
VCORE=1.5 V VOS[1:0]
= 10
4 MHz
0.755
1.4
mA
8 MHz
1.5
2.1
16 MHz
33.5
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
1.8
2.8
16 MHz
3.6
4.1
32 MHz
7.15
8.3
HSI clock source (16
MHz)
Range 2,
VCORE=1.5 V VOS[1:0]
= 10
16 MHz
2.95
3.5
Range 1,
VCORE=1.8 V VOS[1:0]
= 01
32 MHz
7.15
8.4
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V VOS[1:0]
= 11
65 kHz
38.5
85
µA
MSI clock, 524 kHz
524 kHz
110
160
MSI clock, 4.2 MHz
4.2 MHz
690
810
1.
Guaranteed by characterization results, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
3. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com