Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L162VC Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32L162VC
Description  Ultra-low-power platform
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162VC Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32L162VC Datasheet HTML 31Page - STMicroelectronics STM32L162VC Datasheet HTML 32Page - STMicroelectronics STM32L162VC Datasheet HTML 33Page - STMicroelectronics STM32L162VC Datasheet HTML 34Page - STMicroelectronics STM32L162VC Datasheet HTML 35Page - STMicroelectronics STM32L162VC Datasheet HTML 36Page - STMicroelectronics STM32L162VC Datasheet HTML 37Page - STMicroelectronics STM32L162VC Datasheet HTML 38Page - STMicroelectronics STM32L162VC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 123 page
background image
DocID022881 Rev 10
35/123
STM32L162VC, STM32L162RC
46
Table 8. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 9. STM32L162xC pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Pin functions
Alternate functions
Additional functions
B2
1
-
PE2
I/O FT
PE2
TIM3_ETR/LCD_SEG38/
TRACECLK
-
A1
2
-
PE3
I/O FT
PE3
TIM3_CH1/LCD_SEG39/
TRACED0
-
B1
3
-
PE4
I/O FT
PE4
TIM3_CH2/TRACED1
-
C2
4
-
PE5
I/O FT
PE5
TIM9_CH1/TRACED2
-
D2
5
-
PE6-
WKUP3
I/O FT
PE6
TIM9_CH2/TRACED3
WKUP3/ RTC_TAMP3
E2
6
1
VLCD(4)
S-
VLCD
--
C1
7
2
PC13-
WKUP2
I/O FT
PC13
-
WKUP2/RTC_TAMP1/
RTC_TS/RTC_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com