Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L162VC Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32L162VC
Description  Ultra-low-power platform
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162VC Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32L162VC Datasheet HTML 115Page - STMicroelectronics STM32L162VC Datasheet HTML 116Page - STMicroelectronics STM32L162VC Datasheet HTML 117Page - STMicroelectronics STM32L162VC Datasheet HTML 118Page - STMicroelectronics STM32L162VC Datasheet HTML 119Page - STMicroelectronics STM32L162VC Datasheet HTML 120Page - STMicroelectronics STM32L162VC Datasheet HTML 121Page - STMicroelectronics STM32L162VC Datasheet HTML 122Page - STMicroelectronics STM32L162VC Datasheet HTML 123Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 123 page
background image
Revision History
STM32L162VC, STM32L162RC
120/123
DocID022881 Rev 10
06-Nov-2013
5
(continued)
Updated Table 67: LQFP64, 10 x 10 mm 64-pin low-profile quad flat
package mechanical data and Table 68: UFBGA100, 7 x 7 mm, 0.5
mm pitch package mechanical data exchange Min and Typ values
inside columns.
Updated Chapter 8: Part numbering (title).
Added VDD= 1.71 to 1.8 V operating power supply range in Table 5:
Functionalities depending on the working mode (from Run/active down
to standby)
Updated “SDA data hold time” and “SDA and SCL rise time” values
and added “Pulse width of spikes that are suppressed by the analog
filter” row in Table 56: I2C characteristics
Updated the conditions in Table 26: Low-power mode wakeup timings.
Removed ambiguity of “ambient temperature” in the electrical
characteristics description.
19-May-2014
6
Added package UFBGA100.
Resistive load and capacitive load now abbreviated "RL" and "CL"
respectively (instead of "RLOAD" and "CLOAD") throughout the
document.
Modified introduction of Section 2.2: Ultra-low-power device
continuum.
Updated Table 3: Functionalities depending on the operating power
supply range.
Updated Table 5: Functionalities depending on the working mode (from
Run/active down to standby).
Added row VREF+ –VDDA and updated IIO in Table 11: Voltage
characteristics.
Modified IIO maximum values in Table 12: Current characteristics.
Added input voltage in Table 14: General operating conditions.
Moved Table 17: Embedded internal reference voltage from
Section 3.10.2: Internal voltage reference (VREFINT) to Section 6.3.3:
Embedded internal reference voltage.
Modified introduction of Section 6.3.4: Supply current characteristics.
Updated all tables in Section 6.3.4: Supply current characteristics
(i.e. Table 18 to Table 24)
Modified “Wakeup time from low-power mode” to Section 6.3.5.
Updated Table 27: High-speed external user clock characteristics.
Updated Table 28: Low-speed external user clock characteristics.
Modified tLOCK values in Table 34: PLL characteristics.
Modified Functional susceptibility to I/O current injection.
Updated Table 43: I/O static characteristics.
Updated Table 44: Output voltage characteristics.
Updated Table 46: NRST pin characteristics.
Table 72. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com