Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L162RE Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32L162RE
Description  Ultra-low-power platform
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162RE Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32L162RE Datasheet HTML 63Page - STMicroelectronics STM32L162RE Datasheet HTML 64Page - STMicroelectronics STM32L162RE Datasheet HTML 65Page - STMicroelectronics STM32L162RE Datasheet HTML 66Page - STMicroelectronics STM32L162RE Datasheet HTML 67Page - STMicroelectronics STM32L162RE Datasheet HTML 68Page - STMicroelectronics STM32L162RE Datasheet HTML 69Page - STMicroelectronics STM32L162RE Datasheet HTML 70Page - STMicroelectronics STM32L162RE Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 129 page
background image
DocID025882 Rev 6
67/129
STM32L162xE
Electrical characteristics
111
Table 22. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
Max(1) Unit
IDD (Stop
with RTC)
Supply current in
Stop mode with RTC
enabled
RTC clocked by LSI
or LSE external clock
(32.768kHz),
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog)
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.18
-
µA
TA = -40°C to 25°C
1.4
4
TA = 55°C
3.02
6
TA= 85°C
7.44
11
TA = 105°C
15.5
27
LCD
ON
(static
duty)(2)
TA = -40°C to 25°C
1.5
6
TA = 55°C
4.65
7
TA= 85°C
9.07
13
TA = 105°C
15.6
31
LCD
ON (1/8
duty)(3)
TA = -40°C to 25°C
3.9
10
TA = 55°C
5.19
11
TA= 85°C
9.8
17
TA = 105°C
18.4
48
RTC clocked by LSE
external quartz
(32.768kHz),
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog(4)
LCD
OFF
TA = -40°C to 25°C
1.65
-
TA = 55°C
3.32
-
TA= 85°C
7.83
-
TA = 105°C
16
-
LCD
ON
(static
duty)(2)
TA = -40°C to 25°C
1.75
-
TA = 55°C
4.9
-
TA= 85°C
9.41
-
TA = 105°C
15.8
-
LCD
ON (1/8
duty)(3)
TA = -40°C to 25°C
4.1
-
TA = 55°C
5.53
-
TA= 85°C
10
-
TA = 105°C
18.5
-
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8V
1.33
-
TA = -40°C to 25°C
VDD = 3.0V
1.62
-
TA = -40°C to 25°C
VDD = 3.6V
1.87
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com