Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L162RE Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L162RE
Description  Ultra-low-power platform
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162RE Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L162RE Datasheet HTML 6Page - STMicroelectronics STM32L162RE Datasheet HTML 7Page - STMicroelectronics STM32L162RE Datasheet HTML 8Page - STMicroelectronics STM32L162RE Datasheet HTML 9Page - STMicroelectronics STM32L162RE Datasheet HTML 10Page - STMicroelectronics STM32L162RE Datasheet HTML 11Page - STMicroelectronics STM32L162RE Datasheet HTML 12Page - STMicroelectronics STM32L162RE Datasheet HTML 13Page - STMicroelectronics STM32L162RE Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
Description
STM32L162xE
10/129
DocID025882 Rev 6
2.1
Device overview
Table 2. Ultra-low-power STM32L162xE device features and peripheral
counts
Peripheral
STM32L162RE
STM32L162VE
STM32L162ZE
Flash (Kbytes)
512
Data EEPROM (Kbytes)
16
RAM (Kbytes)
80
AES
1
Timers
32 bit
1
General-
purpose
6
Basic
2
Communication
interfaces
SPI
8(3)(1)
1. 5 SPIs are USART configured in synchronous mode emulating SPI master.
I2S
2
I2C
2
USART
5
USB
1
GPIOs
51
83
115
Operational amplifiers
2
12-bit synchronized ADC
Number of channels
1
21
1
25
1
40
12-bit DAC
Number of channels
2
2
LCD
COM x SEG
1
4x32
or 8x28
1
4x44 or 8x40
Comparators
2
Capacitive sensing channels
23
34
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 V to 3.6 V without BOR option
Operating temperatures
Ambient operating temperature: -40 °C to 85 °C / -40 °C to 105 °C
Junction temperature: –40 to + 110 °C
Packages
LQFP64
LQFP100,
WLCSP104
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com