Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6311 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AD6311
Description  1/8- to 1/16 Duty VFD Controller/Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD6311 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AD6311 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AD6311
1/8- to 1/16 Duty VFD Controller/Driver
Anachip Corp.
www.anachip.com.tw
Rev. A5 Dec 29, 2003
3/11
Block Diagram
4-bit
latch
DIN
DOUT
CLK
STB
R
VDD
4
4
VDD
(+5V)
8
16
8
8
20
12
8
VEE
(-30V)
Vss
(0V)
Serial
I/F
5-bit latch
LED1 LED5
OSC
SW1
to
SW4
KEY1
to
KEy4
Command
decoder
Display memory
20 bitX16Words
Timing generator
key scan
Key data memory
(4X2)
Dimming
circuit
Seg1
Seg12
Seg13/Grid16
Grid1
Grid8
Seg20/Grid9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com