Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6311 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AD6311
Description  1/8- to 1/16 Duty VFD Controller/Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD6311 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AD6311 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD6311 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AD6311
1/8- to 1/16 Duty VFD Controller/Driver
Anachip Corp.
www.anachip.com.tw
Rev. A5 Dec 29, 2003
11/11
Package Information
52 pins QFP dimension
Unit: mm
39
27
26
14
13
1
52
40
14.0
±
0.5
14.0 ± 0.5
17.2 ± 0.5
0.15 TYP.
2.7(MAX.)
1.6 TYP.
0.88 TYP.
1.0 TYP.
0.4 TYP.
17.2
±
0.5
Marking Information
AC
AD6311 X
Part Number
Logo
ID code: internal
Year:
Top view
"02" = 2002
"01" = 2001
XX XX XXX
Nth week: 01~52
Blank: Nomal
F: Lead Free Package
QFP52



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com