Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMR2805D Datasheet(PDF) 5 Page - International Rectifier

Part # AMR2805D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMR2805D Datasheet(HTML) 5 Page - International Rectifier

  AMR2805D Datasheet HTML 1Page - International Rectifier AMR2805D Datasheet HTML 2Page - International Rectifier AMR2805D Datasheet HTML 3Page - International Rectifier AMR2805D Datasheet HTML 4Page - International Rectifier AMR2805D Datasheet HTML 5Page - International Rectifier AMR2805D Datasheet HTML 6Page - International Rectifier AMR2805D Datasheet HTML 7Page - International Rectifier AMR2805D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMR28XXD SERIES
(28V Input, Dual Output)
5
2016-06-29
Notes to Specifications
1. Parameter guaranteed by line and load regulation tests.
2. Up to 90 percent of full power is available from either output provided the total output does not exceed 30 watts.
3. Bandwidth guaranteed by design, Tested for 20 Hz to 2 MHz.
4. Load current split equally between +VOUT and –VOUT.
5. 3 watt load on output under test. 3 watt to 27 watt load change on other output.
6. Capacitive load may be any value from 0 to the maximum limit without compromising DC performance. A capacitive load in excess
of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing
as a short circuit during turn-on.
7. Parameter shall be tested as part of design characterization and after design or process changes, Parameters shall be guaranteed
to the limit specified in Electrical Specifications
8. Load step transition time between 2 and 10 microseconds.
9. Recovery time is measured from initiation of the transient to where Vout has returned to within ±1% of Vout at 50% load.
10. Input step transient time between 2 and 10 microseconds.
11. Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin while power is applied to the input.
Block Diagram
8
7
+Output
Output
Return
Pulse Width
Modulator
Primary
Housekeeping
Supply
EMI
Filter
Under-Voltage
Detector
1
3
10
2
+Input
Enable
Sync
Input
Input
Return
Error
Amp &
Ref
FB
CS
Drive
6
-Output
5
Case
Application Information
Inhibit Function (Enable)
Connecting the inhibit input to input common will cause the
converter to shut down. It is recommended that the inhibit
pin be driven by an open collector device capable of sinking
at least 400 µA of current. The open circuit voltage of the
inhibit input is 10 ±1.0 VDC.
EMI Filter
An optional EMI filter is available (AFH461) that will reduce
the input ripple current to levels below the limits imposed by
MIL-STD-461 CE03. 
Device Synchronization
When multiple DC-DC converters are utilized in a
single system, significant low frequency noise may
be generated due to a small difference in the switching
frequency of the converters (beat frequency noise).
Because of the low frequency nature of this noise
(typically less than 10 kHz), it is difficult to filter out
and may interfere with proper operation of sensitive
systems (communication, radar or telemetry). IR
HiRel provides synchronization of multiple AMR
type converters to match switching frequency of the
converter to the frequency of the system clock, thus
eliminating this type of noise.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com