Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMR2805D Datasheet(PDF) 6 Page - International Rectifier

Part # AMR2805D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMR2805D Datasheet(HTML) 6 Page - International Rectifier

  AMR2805D Datasheet HTML 1Page - International Rectifier AMR2805D Datasheet HTML 2Page - International Rectifier AMR2805D Datasheet HTML 3Page - International Rectifier AMR2805D Datasheet HTML 4Page - International Rectifier AMR2805D Datasheet HTML 5Page - International Rectifier AMR2805D Datasheet HTML 6Page - International Rectifier AMR2805D Datasheet HTML 7Page - International Rectifier AMR2805D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMR28XXD SERIES
(28V Input, Dual Output)
6
2016-06-29
Pin Designation
Mechanical Outline
 
Pin #
Designation
Pin #
Designation
1
+ Input
6
- Output
2
Input Return
7
Output Return
3
Enable
8
+ Output
4
Blank
9
NC
5
Case Ground
10
Sync Input
Radiation Performance Characteristics
Parameter
Condition
Min
Typ
Max
Unit
Total Ionizing Dose
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
25
kRads (Si)
Single Event effects
Heavy loans (LET)
Test lab: Brookhaven National Laboratory,
Tendem Van de Graaff Generator
60
MeV·cm2/mg
R 0.15 TYP.
0.40
1.23
1.530
0.80
2.44
Ø 0.125
3 PLACES
1.20
1.60
0.150 TYP.
0.42
2.140
2.74
REF.
0.050
0.220
0.410
MAX.
Ø 0.040 x
0.26 L PINS
Tolerance unless otherwise specified
.XX = ±0.01
.XXX = ±0.005



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com