Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT94S Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT94S Datasheet HTML 9Page - ATMEL Corporation AT94S Datasheet HTML 10Page - ATMEL Corporation AT94S Datasheet HTML 11Page - ATMEL Corporation AT94S Datasheet HTML 12Page - ATMEL Corporation AT94S Datasheet HTML 13Page - ATMEL Corporation AT94S Datasheet HTML 14Page - ATMEL Corporation AT94S Datasheet HTML 15Page - ATMEL Corporation AT94S Datasheet HTML 16Page - ATMEL Corporation AT94S Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
AT94S Secure Family
2314D–FPSLI–2/04
Figure 5. Serial Data Timing Diagram
tLOW
tHIGH
tHD.STA
tSU.STA
tR
tF
tSU.DAT
tHD.DAT
tDH
t
AA
tSU.STO
tBUF
cSCK
cSDA
cSDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com