Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT660 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT660
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT660 Datasheet HTML 1Page - Catalyst Semiconductor CAT660 Datasheet HTML 2Page - Catalyst Semiconductor CAT660 Datasheet HTML 3Page - Catalyst Semiconductor CAT660 Datasheet HTML 4Page - Catalyst Semiconductor CAT660 Datasheet HTML 5Page - Catalyst Semiconductor CAT660 Datasheet HTML 6Page - Catalyst Semiconductor CAT660 Datasheet HTML 7Page - Catalyst Semiconductor CAT660 Datasheet HTML 8Page - Catalyst Semiconductor CAT660 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT660
4
Doc. No. 5000, Rev. U
TYPICAL OPERATING CHARACTERISTICS
Typical characteristic curves are generated using the test circuit in Figure 1. Inverter test conditions are: V+=5V, LV
= GND, BOOST/FC = Open and TA = 25˚C unless otherwise indicated. Note that the charge-pump frequency is one-
half the oscillator frequency.
Figure 1. Test Circuit
1
2
3
4
8
7
6
5
CAT660
External
Oscillator
COSC
RL
C2
150
µF
+
V+
5V
IS
V+
+
C1
150
µF
IL
VOUT
Voltage Inverter
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
Output Resistance vs. Input Voltage
0
2
4
6
8
10
1
2
34
56
INPUT VOLTAGE [V]
100
Load
Output Resistance vs. Temperature (50
Ω load)
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
VIN = 5V
VIN = 3V
VIN = 2V
Supply Current vs. Temperature (no load)
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100 125
VIN = 2V
VIN = 3V
VIN = 5V
Supply Current vs. Input Voltage
0
30
60
90
120
150
12
34
56
INPUT VOLTAGE [V]
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com