Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT660 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT660
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT660 Datasheet HTML 7Page - Catalyst Semiconductor CAT660 Datasheet HTML 8Page - Catalyst Semiconductor CAT660 Datasheet HTML 9Page - Catalyst Semiconductor CAT660 Datasheet HTML 10Page - Catalyst Semiconductor CAT660 Datasheet HTML 11Page - Catalyst Semiconductor CAT660 Datasheet HTML 12Page - Catalyst Semiconductor CAT660 Datasheet HTML 13Page - Catalyst Semiconductor CAT660 Datasheet HTML 14Page - Catalyst Semiconductor CAT660 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT660
11
Doc. No. 5000, Rev. U
PRECISION VOLTAGE DIVIDER
A precision voltage divider is shown in figure 9. With very light load currents under 100nA, the voltage at pin 2 will be
within 0.002% of V+/2 . Output voltage accuracy decreases with increasing load.
BATTERY VOLTAGE SPLITTER
Positive and negative voltages that track each other can be obtained from a battery. Figure 10 shows how a 9V battery
can provide symmetrical positive and negative voltages equal to one-half the battery voltage.
Figure 9: Precision Voltage Divider (Load
≤ 100nA)
1
2
3
4
8
7
6
5
+
V+
3V to 11V
+
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT660
+ 0.002%
V+
2
IL < 100nA
Figure 10: Battery Splitter
+
-
(-4.5V)
C2
150
µF
1
2
3
4
8
7
6
5
CAT660
+
C1
150
µF
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
+
(4.5V)
3V < VBAT < 11V
VBAT
9V
BATTERY
VBAT
2
VBAT
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com