Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8044RGCT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044RGCT
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044RGCT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB8044RGCT Datasheet HTML 18Page - Texas Instruments TUSB8044RGCT Datasheet HTML 19Page - Texas Instruments TUSB8044RGCT Datasheet HTML 20Page - Texas Instruments TUSB8044RGCT Datasheet HTML 21Page - Texas Instruments TUSB8044RGCT Datasheet HTML 22Page - Texas Instruments TUSB8044RGCT Datasheet HTML 23Page - Texas Instruments TUSB8044RGCT Datasheet HTML 24Page - Texas Instruments TUSB8044RGCT Datasheet HTML 25Page - Texas Instruments TUSB8044RGCT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
22
TUSB8044
SLLSEW5 – APRIL 2017
www.ti.com
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Table 6. TUSB8044 Downstream Port Configuration Examples
USED[3:0]
RMBL[3:0]
USB2_ONLY
[3:0]
Reported Port Configuration
Physical to Logical Port mapping
1111
1111
0000
4 Port USB3.1 Hub
6 Port USB2.0 Hub
Port 5 is permanently attached HID
Port 6 is permanently attached Billboard
Physical1 => Logical Port1 for USB3.1 and USB2.0.
Physical2 => Logical Port2 for USB3.1 and USB2.0.
Physical3 => Logical Port3 for USB3.1 and USB2.0.
Physical4 => Logical Port4 for USB3.1 and USB2.0.
Physical5 => Logical Port5 for USB2.0.
Physical6 => Logical Port6 for USB2.0.
1110
1111
0000
3 Port USB3.1 Hub
5 Port USB2.0 Hub
Port 4 is permanently attached HID
Port 5 is permanently attached Billboard.
Physical1 Not used.
Physical2 => Logical Port1 for USB3.1 and USB2.0.
Physical3 => Logical Port2 for USB3.1 and USB2.0.
Physical4 => Logical Port3 for USB3.1 and USB2.0.
Physical5 => Logical Port4 for USB 2.0.
Physical6 => Logical Port5 for USB2.0.
1100
0111
0000
2 Port USB 3.1 Hub
4 Port USB2.0 hub with permanently attached
device on Port 2
Port 3 is a permanently attached HID
Port 4 is a permanently attached Billboard
Physical1 Not used.
Physical2 Not used.
Physical3 => Logical Port1 for USB3.1 and USB2.0.
Physical4 => Logical Port2 for USB3.1 and USB2.0.
Physical5 => Logical Port3 for USB2.0.
Physical6 => Logical Port4 for USB2.0.
0011
1111
0010
1 Port USB 3.1 Hub
4 Port USB 2.0 Hub
Port 3 is a permanently attached HID
Port 4 is a permanently attached Billboard
Physical1 => Logical Port1 for USB3.1 and USB2.0.
Physical2 => Logical Port2 for USB2.0.
Physical3 Not Used.
Physical4 Not used.
Physical5 => Logical Port3 for USB2.0.
Physical6 => Logical Port4 for USB2.0.
1000
1111
0010
1 Port USB 3.1 Hub
4 Port USB 2.0 Hub
Port 3 is a permanently attached HID
Port 4 is a permanently attached Billboard
Physical1 Not used.
Physical2 => Logical Port2 for USB2.0.
Physical3 Not used
Physical4 => Logical Port1 for USB3.1 and USB2.0.
Physical5 => Logical Port3 for USB2.0.
Physical6 => Logical Port4 for USB2.0.
1111
1111
1110
1 Port USB 3.1 Hub
6 Port USB 2.0 Hub
Port 5 is a permanently attached HID
Port 6 is a permanently attached Billboard
Physical1 => Logical Port1 for USB3.1 and USB2.0.
Physical2 => Logical Port2 for USB2.0.
Physical3 => Logical Port3 for USB2.0.
Physical4 => Logical Port4 for USB2.0.
Physical5 => Logical Port5 for USB2.0.
Physical6 => Logical Port6 for USB2.0.
1010
N/A
0x0x
Invalid combination when USB2_ONLY =
0000, 0001, 0100, or 0101. If invalid
combination is used, then physical port 4 will
not operate at USB3.1 Gen 1 speeds.
1011
N/A
0x01
Invalid combination when USB2_ONLY =
0001 or 0101. If invalid combination is used,
then physical port 4 will not operate at USB3.1
Gen 1 speeds.
1110
N/A
010x
Invalid combination when USB2_ONLY =
0100 or 0101. If invalid combination is used,
then physical port 4 will not operate at USB3.1
Gen 1 speeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com