Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8044RGCT Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044RGCT
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044RGCT Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB8044RGCT Datasheet HTML 40Page - Texas Instruments TUSB8044RGCT Datasheet HTML 41Page - Texas Instruments TUSB8044RGCT Datasheet HTML 42Page - Texas Instruments TUSB8044RGCT Datasheet HTML 43Page - Texas Instruments TUSB8044RGCT Datasheet HTML 44Page - Texas Instruments TUSB8044RGCT Datasheet HTML 45Page - Texas Instruments TUSB8044RGCT Datasheet HTML 46Page - Texas Instruments TUSB8044RGCT Datasheet HTML 47Page - Texas Instruments TUSB8044RGCT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
GND
GND
UFP_VBUS
UFP_VBUS
1uF
C1
DP0M
DP0P
8044_URX1M
8044_URX1P
UFP_CC1
UFP_SBU1
UFP_SBU2
8044_UTX1M
8044_UTX1P
DP1M
DP1P
8044_DM
8044_DP
8044_DP
8044_DM
8044_UTX1M
8044_URX1P
8044_URX1M
UFP_VBUS
90.9K
1%
R1
10k
1%
R2
GND
UFP_CC1
DP1P
DP0M
DP0P
DP1M
VCONN
0.1uF
C2
0.1uF
C3
8044_UTX1P
USB_SSTXP_UP
55
USB_SSTXM_UP
56
USB_SSRXP_UP
58
USB_SSRXM_UP
59
USB_DP_UP
53
USB_DM_UP
54
USB_VBUS
48
U1A
TUSB8044RGCR
GND
A1
SSTXp1
A2
SSTXn1
A3
VBUS
A4
CC1
A5
Dp1
A6
Dn1
A7
SBU1
A8
VBUS
A9
SSRXn2
A10
SSRXp2
A11
GND
B12
SSRXp1
B11
SSRXn1
B10
VBUS
B9
SBU2
B8
CC2
B5
VBUS
B4
SSTXn2
B3
SSTXp2
B2
SHIELD
S1
SHIELD
S2
SHIELD
S3
SHIELD
S4
GND
B1
GND
A12
Type-C Plug
Copyright © 2017, Texas Instruments Incorporated
44
TUSB8044
SLLSEW5 – APRIL 2017
www.ti.com
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.1 Design Requirements
Table 41. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VDD Supply
1.1 V
VDD33 Supply
3.3 V
Upstream Port USB Support (SS, HS, FS)
SS, HS, FS
Downstream Port 1 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Downstream Port 2 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Downstream Port 3 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Downstream Port 4 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Number of Removable external exposed Downstream Ports
4
Number of Non-Removable external exposed Downstream Ports
0
Full Power Management of Downstream Ports
Yes. (FULLPWRMGMTZ = 0)
Individual Control of Downstream Port Power Switch
Yes. (GANGED = 0)
Power Switch Enable Polarity
Active High. (PWRCTL_POL = 1)
Battery Charge Support for Downstream Port 1
Yes
Battery Charge Support for Downstream Port 2
Yes
Battery Charge Support for Downstream Port 3
Yes
Battery Charge Support for Downstream Port 4
Yes
I2C EEPROM Support
Yes
24MHz Clock Source
Crystal
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Upstream Port Implementation
The upstream of the TUSB8044 is connected to a USB Type-C captive cable. The system VBUS signal from the
USB3 Type C plug is fed through a voltage divider. The purpose of the voltage divider is to make sure the
system VBUS level meets TUSB8044 USB_VBUS input requirements. The voltage divider in this particular
implementation will support up to 11.4V VBUS. If VBUS needs to be greater, then PD controller will need to
directly control TUSB8044 USB_VBUS input. The USB-C plug has two pairs of USB3.1 differential pairs
(RX1/TX1 and RX2/TX2). In this particular example, one pair of super speed signals (RX2 and TX2) from Type-C
plug is connected to the DP Hub/Retimer/Redriver. The other pair of super speed signals (RX1 and TX2) is
routed to the TUSB8044. The CC1 and VCONN signals from the Type-C plug is connected to the USB PD
controller.
Figure 36. Upstream Port Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com