Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5371 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5371
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5371 Datasheet HTML 6Page - Cirrus Logic CS5371 Datasheet HTML 7Page - Cirrus Logic CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic CS5371 Datasheet HTML 10Page - Cirrus Logic CS5371 Datasheet HTML 11Page - Cirrus Logic CS5371 Datasheet HTML 12Page - Cirrus Logic CS5371 Datasheet HTML 13Page - Cirrus Logic CS5371 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CS5371/CS5372
10
DS255PP2
the negative half. The INR+ and INR- pins are
switched capacitor ‘rough charge’ inputs for the
INF+ and INF- fine input pins.
The full scale analog signal span is defined by the
voltage applied across the VREF+ and VREF-
pins. A 2.5 volt reference input sets full scale sig-
nals as 5 volts peak-to-peak, or 2.5 volts fully dif-
ferential. Differential inputs increase the dynamic
range of small signals, reducing the gain require-
ments for input amplifier stages by a factor of two
relative to single ended analog inputs.
4.2.
Anti-Alias Filters
The CS5371/CS5372 modulator inputs must be
bandwidth limited to ensure modulator loop stabil-
ity and to prevent aliased high-frequency signals.
The modulators are 4th order and so are condition-
ally stable, and can be adversely affected by high
amplitude out-of-band signals. Also, aliasing ef-
fects degrade modulator performance if the analog
inputs are not bandwidth limited since out-of-band
signals can appear in the measurement bandwidth.
The use of a simple single pole low-pass anti-alias
filter on the differential inputs ensures out-of-band
signals are eliminated.
Anti-alias filtering may be accomplished actively
in an amplifier stage ahead of the CS5371/CS5372
modulator, or passively using an RC filter across
the differential rough and fine analog inputs. An
RC filter is recommended, even when using an am-
plifier stage, as it minimizes the ‘charge kick’ that
the driving amplifier sees as switched capacitor
sampling is performed.
The -3 dB corner of the input anti-alias filter should
be set to the internal modulator sampling clock di-
vided by 64. The modulator sampling clock is a di-
vision by 4 of the modulator clock, MCLK. With
MCLK=2.048 MHz the modulator sampling clock
is 512 kHz, requiring an input filter with a -3 dB
corner at 8 kHz.
MCLK Frequency = 2.048 MHz
Sampling Frequency = MCLK / 4 = 512 kHz
-3 dB Filter Corner = Sample Freq / 64 = 8 kHz
RC filter = 8 kHz = 1 / [ 2
π * (2 * Rdiff) * Cdiff ]
It should be noted that when using low power mode
(LPWR=1 and MCLK=1.024 MHz) the modulator
sampling clock is 256 kHz, so the -3 dB filter cor-
ner should be scaled down to 4 kHz.
MCLK Frequency = 1.024 MHz
Sampling Frequency = MCLK / 4 = 256 kHz
-3 dB Filter Corner = Sample Freq / 64 = 4 kHz
RC filter = 4 kHz = 1 / [ 2
π * (2 * Rdiff) * Cdiff ]
Figure 3 illustrates the CS5372/CS5376 system
connections with input anti-alias filter components.
Filter components on the rough and fine pins
should be identical values for optimum perfor-
mance, with the capacitor values a minimum of
0.01
µF. The rough input can use either X7R or
C0G capacitors, while the fine input requires C0G
type capacitors for optimal linearity. Using X7R
capacitors on the fine inputs will degrade signal to
distortion performance up to 8 dB.
4.3.
Input Impedance
Due to the dynamic switched-capacitor input archi-
tecture the input current required from the analog
signal source, and thus the input impedance of the
analog input pins, changes any time MCLK is
changed. The input impedance of the rough charge
inputs, INR+ and INR-, is [1 / (f * C)] where f is the
modulator clock frequency, MCLK, and C is the in-
ternal sampling capacitor. A 2.048 MHz modula-
tor clock yields a rough input impedance of
approximately [1 / (2.048 MHz)*(20 pF)], or about
24 kohms.
Internal to the modulator the rough charge inputs
pre-charge the sampling capacitor used by the fine
inputs, therefore the effective input impedance of
the fine inputs is orders of magnitude above the im-
pedance of the rough inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com