Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5371 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5371
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5371 Datasheet HTML 7Page - Cirrus Logic CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic CS5371 Datasheet HTML 10Page - Cirrus Logic CS5371 Datasheet HTML 11Page - Cirrus Logic CS5371 Datasheet HTML 12Page - Cirrus Logic CS5371 Datasheet HTML 13Page - Cirrus Logic CS5371 Datasheet HTML 14Page - Cirrus Logic CS5371 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CS5371/CS5372
DS255PP2
11
4.4.
Maximum Signal Levels
The CS5371/CS5372 modulators are 4th order and
are therefore conditionally stable, and may go into
an oscillatory condition if the analog inputs over-
range beyond full scale by more than 5%. If an un-
stable condition is detected, the modulators col-
lapse to a 1st order system until loop stability is
achieved. During this time, the MFLAG pin tran-
sitions from low to high signaling the CS5376 dig-
ital filter to set an error bit in the digital output
word. The analog input signal must be reduced to
within the full scale range of the converter for at
least 32 MCLK cycles for the modulators to recov-
er from an unstable condition.
5. INPUT OFFSET
The CS5371/CS5372 modulators are
∆−Σ type and
so can produce ‘idle tones’ in the passband when
the input signal is a steady state DC signal within
about ±50 mV of the common mode input voltage.
Idle tones result from patterns in the output bit-
stream and appear in the measurement spectrum
about -135 dB down from full scale.
Idle tones can be eliminated by adding 100 mV or
more of differential DC offset to the modulator in-
puts. The added offset should be applied differen-
tially to the inputs, common mode offsets do not
affect idle tones.
5.1.
Offset Enable - OFST
If the analog inputs are within ±50 mV of the com-
mon mode voltage when no signal is present, the
OFST pin can be used to eliminate idle tones.
When OFST=1, +100 mV of differential offset is
added to the modulator analog inputs to push the
idle tones out of the measurement bandwidth. Care
should be taken that when OFST is active, offset
voltages generated by external circuitry do not ne-
gate the internally added offset.
5.2.
Offset Drift
Offset drift characteristics vary from part to part
and with changes in the power supply voltages. If
the CS5371/CS5372 is used in precision DC mea-
surement applications where offset drift is to be
minimized, the power supplies should be well reg-
ulated.
For the lowest offset drift, the CS5371/CS5372
modulators should operate with an MCLK of
2.048 MHz. The offset drift rate is inversely pro-
portional to clock frequency, with slower modula-
tor clock rates exhibiting more offset drift.
Operating from an MCLK of 1.024 MHz results in
twice the offset drift rate compared to an MCLK of
2.048 MHz.
Because offset drift is not linear with temperature,
an exact drift rate per °C cannot be specified. The
CS5371/CS5372 modulators will exhibit approxi-
mately 5 ppm/°C of offset drift operating with an
MCLK of 2.048 MHz.
6. VOLTAGE REFERENCE INPUTS
The CS5371/CS5372 modulators are designed to
operate with a 2.5 V voltage reference applied
across the VREF+ and VREF- pins to set the full
scale signal range of the analog inputs. A 2.5 V
voltage reference results in the highest dynamic
range and best signal-to-noise performance, though
smaller reference voltages may be used. When the
CS5371/CS5372 modulators are operated with a
2.5 V reference, the analog inputs measure full
scale signals of 5 volts peak-to-peak, or 2.5 volts
differential.
In a single supply power configuration the voltage
reference output should be connected to the
VREF+ pin with the VREF- pin connected to
ground. In a dual supply power configuration the
voltage reference should be powered from the VA+
and VA- supplies, with the modulator VREF+ pin
connected to the voltage reference output and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com