Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2148T Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 28Page - Dallas Semiconductor DS2148T Datasheet HTML 29Page - Dallas Semiconductor DS2148T Datasheet HTML 30Page - Dallas Semiconductor DS2148T Datasheet HTML 31Page - Dallas Semiconductor DS2148T Datasheet HTML 32Page - Dallas Semiconductor DS2148T Datasheet HTML 33Page - Dallas Semiconductor DS2148T Datasheet HTML 34Page - Dallas Semiconductor DS2148T Datasheet HTML 35Page - Dallas Semiconductor DS2148T Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
DS2148/Q48
32 of 75
CCR5 (04H): COMMON CONTROL REGISTER 5
(MSB)
(LSB)
BPCS1
BPCS0
MM1
MM0
RSCLKE
TSCLKE
RT1
RT0
SYMBOL
POSITION
DESCRIPTION
BPCS1
CCR5.7
Back Plane Clock Select 1. See Table 6-3 for details.
BPCS0
CCR5.6
Back Plane Clock Select 0. See Table 6-3 for details.
MM1
CCR5.5
Monitor Mode 1. See Table 6-4.
MM0
CCR5.4
Monitor Mode 0. See Table 6-4.
RSCLKE
CCR5.3
Receive Synchronization Clock Enable.
This control bit determines whether the line receiver should
handle normal T1/E1 signals or a synchronized signal.
E1 mode:
0 = receive normal E1 signal (Section 6 of G.703)
1 = receive 2.048 MHz synchronization signal (section 10 of
G.703)
T1 mode:
0 = receive normal T1 signal
1 = receive 1.544 MHz synchronization signal
TSCLKE
CCR5.2
Transmit Synchronization Clock Enable.
This control bit determines whether the transmitter should
transmit normal T1/E1 signals or a synchronized signal.
E1 mode:
0 = transmit normal E1 signal (section 6 of G.703)
1 = transmit 2.048 MHz synchronization signal (section 10 of
G.703)
T1 mode:
0 = transmit normal T1 signal
1 = transmit 1.544 MHz synchronization signal
RT1
CCR5.1
Receive Termination 1. See Table 6-5 for details.
RT0
CCR5.0
Receive Termination 0. See Table 6-5 for details.
BACK PLANE CLOCK SELECT Table 6-3
BPCS1
(CCR5.7)
BPCS0
(CCR5.6)
BPCLK FREQUENCY
0
0
16.384MHz
0
1
8.192MHz
1
0
4.096MHz
1
1
2.048MHz
MONITOR GAIN SETTINGS Table 6-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com