Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2148T Datasheet(PDF) 43 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 43 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 39Page - Dallas Semiconductor DS2148T Datasheet HTML 40Page - Dallas Semiconductor DS2148T Datasheet HTML 41Page - Dallas Semiconductor DS2148T Datasheet HTML 42Page - Dallas Semiconductor DS2148T Datasheet HTML 43Page - Dallas Semiconductor DS2148T Datasheet HTML 44Page - Dallas Semiconductor DS2148T Datasheet HTML 45Page - Dallas Semiconductor DS2148T Datasheet HTML 46Page - Dallas Semiconductor DS2148T Datasheet HTML 47Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
DS2148/Q48
43 of 75
RUPCD2 (0EH): RECEIVE UP CODE DEFINITION REGISTER 2
(MSB)
(LSB)
C15
C14
C13
C12
C11
C10
C9
C8
SYMBOL
POSITION
DESCRIPTION
C15
RUPCD2.7
Receive Up Code Definition Bit 15
C14
RUPCD2.6
Receive Up Code Definition Bit 14
C13
RUPCD2.5
Receive Up Code Definition Bit 13
C12
RUPCD2.4
Receive Up Code Definition Bit 12
C11
RUPCD2.3
Receive Up Code Definition Bit 11
C10
RUPCD2.2
Receive Up Code Definition Bit 10
C9
RUPCD2.1
Receive Up Code Definition Bit 9
C8
RUPCD2.0
Receive Up Code Definition Bit 8
RDNCD1 (0FH): RECEIVE DOWN CODE DEFINITION REGISTER 1
(MSB)
(LSB)
C7
C6
C5
C4
C3
C2
C1
C0
SYMBOL
POSITION
DESCRIPTION
C7
RDNCD1.7
Receive Down Code Definition Bit 7. First bit of the
repeating pattern.
C6
RDNCD1.6
Receive Down Code Definition Bit 6. A Don’t Care if a 1-bit
length is selected.
C5
RDNCD1.5
Receive Down Code Definition Bit 5. A Don’t Care if a 1 or
2 bit length is selected.
C4
RDNCD1.4
Receive Down Code Definition Bit 4. A Don’t Care if a 1 to 3
bit length is selected.
C3
RDNCD1.3
Receive Down Code Definition Bit 3. A Don’t Care if a 1 to 4
bit length is selected.
C2
RDNCD1.2
Receive Down Code Definition Bit 2. A Don’t Care if a 1 to 5
bit length is selected.
C1
RDNCD1.1
Receive Down Code Definition Bit 1. A Don’t Care if a 1 to 6
bit length is selected.
C0
RDNCD1.0
Receive Down Code Definition Bit 0. A Don’t Care if a 1 to 7
bit length is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com