Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7731FDWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7731FDWR
Description  High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7731FDWR Datasheet(HTML) 2 Page - Texas Instruments

  ISO7731FDWR Datasheet HTML 1Page - Texas Instruments ISO7731FDWR Datasheet HTML 2Page - Texas Instruments ISO7731FDWR Datasheet HTML 3Page - Texas Instruments ISO7731FDWR Datasheet HTML 4Page - Texas Instruments ISO7731FDWR Datasheet HTML 5Page - Texas Instruments ISO7731FDWR Datasheet HTML 6Page - Texas Instruments ISO7731FDWR Datasheet HTML 7Page - Texas Instruments ISO7731FDWR Datasheet HTML 8Page - Texas Instruments ISO7731FDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
ISO7730, ISO7731
SLLSES0D – SEPTEMBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Power Ratings........................................................... 6
6.6
Insulation Specifications............................................ 7
6.7
Safety-Related Certifications..................................... 8
6.8
Safety Limiting Values .............................................. 8
6.9
Electrical Characteristics—5-V Supply ..................... 9
6.10
Supply Current Characteristics—5-V Supply .......... 9
6.11
Electrical Characteristics—3.3-V Supply .............. 10
6.12
Supply Current Characteristics—3.3-V Supply ..... 10
6.13
Electrical Characteristics—2.5-V Supply .............. 11
6.14
Supply Current Characteristics—2.5-V Supply ..... 11
6.15
Switching Characteristics—5-V Supply................. 12
6.16
Switching Characteristics—3.3-V Supply.............. 13
6.17
Switching Characteristics—2.5-V Supply.............. 13
6.18
Insulation Characteristics Curves ......................... 14
6.19
Typical Characteristics .......................................... 15
7
Parameter Measurement Information ................ 17
8
Detailed Description ............................................ 19
8.1
Overview ................................................................. 19
8.2
Functional Block Diagram ....................................... 19
8.3
Feature Description................................................. 20
8.4
Device Functional Modes........................................ 21
9
Application and Implementation ........................ 22
9.1
Application Information............................................ 22
9.2
Typical Application ................................................. 22
10
Power Supply Recommendations ..................... 25
11
Layout................................................................... 26
11.1
Layout Guidelines ................................................. 26
11.2
Layout Example .................................................... 26
12
Device and Documentation Support ................. 27
12.1
Documentation Support ........................................ 27
12.2
Related Links ........................................................ 27
12.3
Receiving Notification of Documentation Updates 27
12.4
Community Resources.......................................... 27
12.5
Trademarks ........................................................... 27
12.6
Electrostatic Discharge Caution ............................ 27
12.7
Glossary ................................................................ 27
13
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (December 2016) to Revision D
Page
•
Updated the Safety-Related Certifications table..................................................................................................................... 8
•
Changed the minimum CMTI from 40 to 85 in all Electrical Characteristics tables .............................................................. 9
Changes from Revision B (October 2016) to Revision C
Page
•
Changed the Regulatory Information table to Safety-Related Certifications and updated content. ....................................... 8
•
Changed the certifications from planned to certified in the Safety-Related Certifications table............................................. 8
Changes from Revision A (September 2016) to Revision B
Page
•
Changed Feature From: "VDE and UL Certifications..." To: "VDE, UL, and TUV Certifications..." ....................................... 1
•
Changed the unit value of CLR and CPG From: µm To: mm in Insulation Specifications .................................................... 7
•
Changed From: "according to VDE and UL;..." To: "according to VDE, UL, and TUV;..." in the conditions statement
of Safety-Related Certifications .............................................................................................................................................. 8
•
Changed From: "Plan to certify" To: "Certified" in column TUV of Safety-Related Certifications .......................................... 8
•
Changed From: "Certification Planned" To: "Certification Planned' to 'Client ID number: 77311" in column TUV of
Safety-Related Certifications ................................................................................................................................................. 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com