Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7731FDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7731FDWR
Description  High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7731FDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7731FDWR Datasheet HTML 7Page - Texas Instruments ISO7731FDWR Datasheet HTML 8Page - Texas Instruments ISO7731FDWR Datasheet HTML 9Page - Texas Instruments ISO7731FDWR Datasheet HTML 10Page - Texas Instruments ISO7731FDWR Datasheet HTML 11Page - Texas Instruments ISO7731FDWR Datasheet HTML 12Page - Texas Instruments ISO7731FDWR Datasheet HTML 13Page - Texas Instruments ISO7731FDWR Datasheet HTML 14Page - Texas Instruments ISO7731FDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
ISO7730, ISO7731
www.ti.com
SLLSES0D – SEPTEMBER 2016 – REVISED MAY 2017
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.13 Electrical Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA; see Figure 13
VCCO
(1) – 0.2
2.45
V
VOL
Low-level output voltage
IOL = 1 mA; see Figure 13
0.05
0.2
V
VIT+(IN)
Rising input voltage threshold
0.6 × VCCI
0.7 × VCCI
V
VIT-(IN)
Falling input voltage threshold
0.3 × VCCI
0.4 × VCCI
V
VI(HYS)
Input threshold voltage hysteresis
0.1 × VCCI
0.2 × VCCI
V
IIH
High-level input current
VIH = VCCI
(1) at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V, VCM = 1200 V; see Figure 16
85
100
kV/μs
(1)
VCCI = Input-side VCC
6.14 Supply Current Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7730
Supply current - disable
EN2 = 0 V; VI = VCC1 (ISO7730);
VI = 0 V (ISO7730 with F suffix)
ICC1
1
1.4
mA
ICC2
0.3
0.4
mA
EN2 = 0 V; VI = 0 V (ISO7730);
VI = VCC1 (ISO7730 with F suffix)
ICC1
4.3
6
mA
ICC2
0.3
0.4
mA
Supply current - DC signal
EN2 = VCC2; VI = VCC1 (ISO7730);
VI = 0 V (ISO7730 with F suffix)
ICC1
1
1.4
mA
ICC2
1.6
2.5
mA
EN2 = VCC2; VI = 0 V (ISO7730);
VI = VCC1 (ISO7730 with F suffix)
ICC1
4.3
6
mA
ICC2
1.8
2.7
mA
Supply current - AC signal
EN2 = VCC2; All channels switching with
square wave clock input; CL = 15 pF
1 Mbps
ICC1
2.6
3.7
mA
ICC2
1.8
2.7
mA
10 Mbps
ICC1
2.6
3.8
mA
ICC2
2.5
3.6
mA
100 Mbps
ICC1
3.1
4.2
mA
ICC2
10.2
14
mA
ISO7731
Supply current - disable
EN1 = EN2 = 0 V; VI = VCCI
(1) (ISO7731);
VI = 0 V (ISO7731 with F suffix)
ICC1
0.8
1.2
mA
ICC2
0.7
1
mA
EN1 = EN2 = 0 V; VI = 0 V (ISO7731);
VI = VCCI (ISO7731 with F suffix)
ICC1
3
4.3
mA
ICC2
1.8
2.6
mA
Supply current - DC signal
EN1 = EN2 = VCCI; VI = VCCI (ISO7731);
VI = 0 V (ISO7731 with F suffix)
ICC1
1.3
1.7
mA
ICC2
1.6
2.2
mA
EN1 = EN2 = VCCI; VI = 0 V (ISO7731);
VI = VCCI (ISO7731 with F suffix)
ICC1
3.5
5
mA
ICC2
2.8
4.1
mA
Supply current - AC signal
EN1 = EN2 = VCCI; All channels switching
with square wave clock input; CL = 15 pF
1 Mbps
ICC1
2.4
3.4
mA
ICC2
2.2
3.2
mA
10 Mbps
ICC1
2.7
3.7
mA
ICC2
2.7
3.8
mA
100 Mbps
ICC1
5.6
7
mA
ICC2
8
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com