Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7741FDW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7741FDW
Description  High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7741FDW Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7741FDW Datasheet HTML 12Page - Texas Instruments ISO7741FDW Datasheet HTML 13Page - Texas Instruments ISO7741FDW Datasheet HTML 14Page - Texas Instruments ISO7741FDW Datasheet HTML 15Page - Texas Instruments ISO7741FDW Datasheet HTML 16Page - Texas Instruments ISO7741FDW Datasheet HTML 17Page - Texas Instruments ISO7741FDW Datasheet HTML 18Page - Texas Instruments ISO7741FDW Datasheet HTML 19Page - Texas Instruments ISO7741FDW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
16
ISO7740, ISO7741, ISO7742
SLLSEP4D – MARCH 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: ISO7740 ISO7741 ISO7742
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.15 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 15
6
10.7
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0
4.9
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
4
ns
tsk(pp)
Part-to-part skew time(3)
4.4
ns
tr
Output signal rise time
See Figure 15
2.4
3.9
ns
tf
Output signal fall time
2.4
3.9
ns
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 16
9
20
ns
tPLZ
Disable propagation delay, low-to-high impedance output
9
20
ns
tPZH
Enable propagation delay, high impedance-to-high output
for ISO774x
7
20
ns
Enable propagation delay, high impedance-to-high output
for ISO774x with F suffix
3
8.5
μs
tPZL
Enable propagation delay, high impedance-to-low output for
ISO774x
3
8.5
μs
Enable propagation delay, high impedance-to-low output for
ISO774x with F suffix
7
20
ns
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7 V. See
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.8
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.16 Switching Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 15
6
11
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.1
5
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
4.1
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 15
1.3
3
ns
tf
Output signal fall time
1.3
3
ns
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 16
17
30
ns
tPLZ
Disable propagation delay, low-to-high impedance output
17
30
ns
tPZH
Enable propagation delay, high impedance-to-high output
for ISO774x
17
30
ns
Enable propagation delay, high impedance-to-high output
for ISO774x with F suffix
3.2
8.5
μs
tPZL
Enable propagation delay, high impedance-to-low output
for ISO774x
3.2
8.5
μs
Enable propagation delay, high impedance-to-low output
for ISO774x with F suffix
17
30
ns
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7 V. See
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com