Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7741FDW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7741FDW
Description  High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7741FDW Datasheet(HTML) 1 Page - Texas Instruments

  ISO7741FDW Datasheet HTML 1Page - Texas Instruments ISO7741FDW Datasheet HTML 2Page - Texas Instruments ISO7741FDW Datasheet HTML 3Page - Texas Instruments ISO7741FDW Datasheet HTML 4Page - Texas Instruments ISO7741FDW Datasheet HTML 5Page - Texas Instruments ISO7741FDW Datasheet HTML 6Page - Texas Instruments ISO7741FDW Datasheet HTML 7Page - Texas Instruments ISO7741FDW Datasheet HTML 8Page - Texas Instruments ISO7741FDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO7740, ISO7741, ISO7742
SLLSEP4D – MARCH 2016 – REVISED MAY 2017
ISO774x High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
1
1 Features
1
•
Signaling Rate: Up to 100 Mbps
•
Wide Supply Range: 2.25 V to 5.5 V
•
2.25-V to 5.5-V Level Translation
•
Default Output High and Low Options
•
Wide Temperature Range: –55°C to 125°C
•
Low Power Consumption, Typical 1.5 mA per
Channel at 1 Mbps
•
Low Propagation Delay: 10.7 ns Typical
(5-V Supplies)
•
High CMTI: ±100 kV/μs Typical
•
Robust Electromagnetic Compatibility (EMC)
–
System-Level ESD, EFT, and Surge Immunity
–
Low Emissions
•
Isolation Barrier Life: >40 Years
•
Wide-SOIC (DW-16) and QSOP (DBQ-16)
Package Options
•
Safety-Related Certifications:
–
DIN V VDE V 0884-10 (VDE V 0884-10):
2006-12
–
UL 1577 Component Recognition Program
–
CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1 End Equipment
Standards
–
CQC Approval per GB4943.1-2011
–
TUV Certification according to EN 60950-1 and
EN 61010-1
–
Certifications for DW Package Complete; All
Other Certifications are Planned
2 Applications
•
Industrial Automation
•
Motor Control
•
Power Supplies
•
Solar Inverters
•
Medical Equipment
3 Description
The ISO774x devices are high-performance, quad-
channel
digital
isolators
with
5000
VRMS (DW
package) and 2500 VRMS (DBQ package) isolation
ratings per UL 1577. This family of devices has
reinforced insulation ratings according to VDE, CSA,
TUV and CQC.
The ISO774x devices provide high
electromagnetic immunity and low emissions at low
power
consumption,
while
isolating
CMOS
or
LVCMOS digital I/Os. Each isolation channel has a
logic input and output buffer separated by silicon
dioxide (SiO2) insulation barrier. This device comes
with enable pins which can be used to put the
respective outputs in high impedance for multi-master
driving
applications
and
to
reduce
power
consumption. The ISO7740 device has all four
channels in the same direction, the ISO7741 device
has
three
forward
and
one
reverse-direction
channels, and the ISO7742 device has two forward
and two reverse-direction channels. If the input power
or signal is lost, default output is high for devices
without suffix F and low for devices with suffix F. See
the Device Functional Modes section for further
details.
Used in conjunction with isolated power supplies, this
device helps prevent noise currents on a data bus or
other circuits from entering the local ground and
interfering
with
or
damaging
sensitive
circuitry.
Through
innovative
chip
design
and
layout
techniques,
electromagnetic
compatibility
of
the
ISO774x devices have been significantly enhanced to
ease system-level ESD, EFT, surge, and emissions
compliance. The ISO774x devices are available in
16-pin SOIC and QSOP packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7740
ISO7741
ISO7742
SOIC (DW)
10.30 mm × 7.50 mm
SSOP (DBQ)
4.90 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
VCCI and GNDI are supply and ground
connections respectively for the input
channels.
VCCO and GNDO are supply and ground
connections respectively for the output
channels.


Similar Part No. - ISO7741FDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7741FDW TI1-ISO7741FDW Datasheet
1Mb / 41P
High Speed, Robust EMC Reinforced Quad-Channel Digital Isolators
ISO7741FDW TI1-ISO7741FDW Datasheet
2Mb / 49P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO7741FDW TI-ISO7741FDW Datasheet
2Mb / 52P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO7741FDW TI1-ISO7741FDW Datasheet
2Mb / 53P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
OCTOBER 2024
ISO7741FDWR TI1-ISO7741FDWR Datasheet
1Mb / 41P
High Speed, Robust EMC Reinforced Quad-Channel Digital Isolators
More results

Similar Description - ISO7741FDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7740 TI1-ISO7740 Datasheet
1Mb / 41P
High Speed, Robust EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com