| Electronic Components Datasheet Search |
|
HPC46100 Datasheet(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HPC46100 Datasheet(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 32 page ![]() Timer Overview (Continued) TLDD11289 – 24 FIGURE 22 External Event Counter MODE 1 DUAL INPUT CAPTURE MODE The device can precisely measure external frequencies or time external events by placing the timer in the input capture mode In this mode the timer Tn is constantly running at a fixed rate as selected in the timer control register The two registers RnA and RnB act as capture registers Each reg- ister is loaded with the contents of the timer register Tn when an active edge on it’s associated pin is detected The active edge is determined by the value of two bits in the control register The active edge for each input pin can be specified independently and can be programmed to gener- ate an interrupt The interrupt can be generated on an input from the A or B input along with an underflow of the timer register (Tn) Figure 23 shows a block diagram of the timer in Input Capture mode TLDD11289 – 25 FIGURE 23 Dual Input Capture MODE 2 PROCESSOR INDEPENDENT PWM MODE As the name suggests this mode allows the device to gen- erate a PWM signal with very minimal user intervention The user only has to define the parameters of the PWM signal (ON time and OFF time) Once begun the timer block will continuously generate the PWM signal completely indepen- dent of the microcontroller The user software services the timer block only when the PWM parameters require updat- ing In this mode the timer Tn counts down at a fixed rate as programmed in the control register Upon every underflow the timer is alternately reloaded with the contents of its sup- porting registers RnA and RnB The very first underflow of the timer after entry into this mode causes the timer to re- load from the register RnA Subsequent underflows cause the timer to be reloaded from the registers alternately begin- ning with the register RnB Figure 24 shows a block diagram of the timer in PWM mode TLDD11289 – 26 FIGURE 24 PWM The underflow can be programmed to toggle the A output pin (Port P) The underflow can also be programmed to gen- erate interrupts These interrupts can occur on a reload from RnA or RnB This gives the user the flexibility of inter- rupting once per PWM period on either the rising or falling edge of the PWM output Alternatively the user may choose to interrupt on both edges of the PWM output MODE 3 EXTERNALLY TRIGGERED PWMPORT OUTPUT In this mode the timer is stopped and the corresponding port P pin can be programmed as a general purpose output pin The timer block can be programmed to remain halted using its A pin for use as a general purpose output or it can be programmed to exit mode 3 and enter mode 2 (Proces- sor Independent PWM) when a rising edge is detected on the B input The external triggering of this feature provides the capability of generating a delayed pulse triggered by an external event as follows From the rising edge of the B input the timer enters PWM mode When the timer register underflows the output toggles and the value of RnA is loaded to the timer The next underflow will cause the RnB register to load into 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |