Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC46100 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46100
Description  HPC46100 High-Performance microController with DSP Capability
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46100 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  HPC46100 Datasheet HTML 1Page - National Semiconductor (TI) HPC46100 Datasheet HTML 2Page - National Semiconductor (TI) HPC46100 Datasheet HTML 3Page - National Semiconductor (TI) HPC46100 Datasheet HTML 4Page - National Semiconductor (TI) HPC46100 Datasheet HTML 5Page - National Semiconductor (TI) HPC46100 Datasheet HTML 6Page - National Semiconductor (TI) HPC46100 Datasheet HTML 7Page - National Semiconductor (TI) HPC46100 Datasheet HTML 8Page - National Semiconductor (TI) HPC46100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
General Description (Continued)
The HPC46100 has as an on-chip peripheral an 8-channel
8-bit Analog-to-Digital Converter This AD converter can
operate in a single-ended mode where the analog input volt-
age is applied across one of the eight input channels (D0 –
D7) and AGND The AD converter can also operate in a
differential mode where the analog input voltage is applied
across two adjacent input channels The AD converter will
convert up to eight channels in the single-ended mode and
up to four channel pairs in the differential mode
A group of three high speed timers provide processor inde-
pendent PWM signal generation These timers and their
support logic provide independent control of PWM frequen-
cy and PWM duty cycle with a minimum resolution of 50 ns
when running at 40 MHz
The HPC46100 is upwards source code compatible with the
HPC family except for Decimal Add and Subtract
The HPC46100 is available in an 80-pin QFP package
40 MHz
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Total Allowable Source or Sink Current
100 mA
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
VCC with Respect to GND
b
05V to a65V
VREF with Respect to GND
VCC
All Other Pins
(VCC a05V) to (GND b 05V)
DC Characteristics
VCC e 50V g10% unless otherwise specified TA e 0 Cto a70 C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Max
Units
SUPPLIES
ICC1
Supply Current
VCC e 55V fIN e 40 MHz (Note 1)
65
mA
VCC e 55V fIN e 20 MHz (Note 1)
40
mA
ICC2
IDLE Mode Supply Current
VCC e 55V fIN e 40 MHz (Note 1)
25
mA
VCC e 55V fIN e 20 MHz (Note 1)
20
mA
ICC3
HALT Mode Supply Current with NMI High
VCC e 55V fIN e 0 (Note 1)
300
m
A
VCC e 25V fIN e 0 (Note 1)
100
m
A
ICC4
HALT Mode Supply Current with NMI Low
VCC e 55V fIN e 40 MHz (Note 1)
25
mA
VRAM
RAM Keep-Alive Voltage
(Note 2)
25
V
INPUT VOLTAGE LEVELS FOR SCHMITT TRIGGERED INPUTS RESET NMI AND WO AND ALSO CKI
VIH1
Logic High
09 VCC
V
VIL1
Logic Low
01 VCC
V
INPUT VOLTAGE LEVELS FOR PORT A
VIH2
Logic High
20
V
VIL2
Logic Low
08
V
INPUT VOLTAGE LEVELS FOR ALL OTHER INPUTS
VIH3
Logic High (except Port D)
07 VCC
V
VIL3
Logic Low (except Port D)
02 VCC
V
VIH4
Logic High (Port D only)
(Note 6 in AC Characteristics)
07 VCC
V
VIL4
Logic Low (Port D only)
(Note 6 in AC Characteristics)
02 VCC
V
ILI1
Input Leakage Current all pins except below
10
m
A
ILI2
Input Leakage Current pin RDYHLD only
b
3
b
50
m
A
ILI3
Input Leakage Current pin B12 (HBE) only
RESET e GND VIN e VCC
05
70
mA
CI
Input Pin Capacitance
(Note 3)
10
pF
CIO
InputOutput Pin Capacitance
(Note 3)
20
pF
OUTPUT VOLTAGE LEVELS
CMOS USAGE ALL OUTPUTS AND IO PINS
VOH1
Logic High
IOH eb10 mA (Note 3)
VCC b 01
V
VOL1
Logic Low
IOL e 10 mA (Note 3)
01
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com