Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF859 Datasheet(PDF) 4 Page - Texas Instruments

Part # SSF859
Description  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SSF859 Datasheet(HTML) 4 Page - Texas Instruments

  SSF859 Datasheet HTML 1Page - Texas Instruments SSF859 Datasheet HTML 2Page - Texas Instruments SSF859 Datasheet HTML 3Page - Texas Instruments SSF859 Datasheet HTML 4Page - Texas Instruments SSF859 Datasheet HTML 5Page - Texas Instruments SSF859 Datasheet HTML 6Page - Texas Instruments SSF859 Datasheet HTML 7Page - Texas Instruments SSF859 Datasheet HTML 8Page - Texas Instruments SSF859 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN74SSTVF16859
13BIT TO 26BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES429B − MARCH 2003 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 5)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
VDDQ
2.7
V
VDDQ
Output supply voltage
PC1600, PC2100, PC2700
2.3
2.7
V
VDDQ
Output supply voltage
PC3200
2.5
2.7
V
VREF
Reference voltage (VREF = VDDQ/2)
PC1600, PC2100, PC2700
1.15
1.25
1.35
V
VREF
Reference voltage (VREF = VDDQ/2)
PC3200
1.25
1.3
1.35
V
VI
Input voltage
0
VCC
V
VIH
AC high-level input voltage
Data inputs
VREF+310mV
V
VIL
AC low-level input voltage
Data inputs
VREF−310mV
V
VIH
DC high-level input voltage
Data inputs
VREF+150mV
V
VIL
DC low-level input voltage
Data inputs
VREF−150mV
V
VIH
High-level input voltage
RESET
1.7
V
VIL
Low-level input voltage
RESET
0.7
V
VICR
Common-mode input voltage range
CLK, CLK
0.97
1.53
V
VI(PP) Peak-to-peak input voltage
CLK, CLK
360
mV
IOH
High-level output current
−16
mA
IOL
Low-level output current
16
mA
TA
Operating free-air temperature
0
70
°C
NOTE 5: The RESET input of the device must be held at valid logic voltage levels (not floating) to ensure proper device operation. The differential
inputs must not be floating unless RESET is low. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs,
literature number SCBA004.
electrical characteristics for PC1600, PC2100, and PC2700 over recommended operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP‡
MAX
UNIT
VIK
II = −18 mA
2.3 V
−1.2
V
VOH
IOH = −100 µA
2.3 V to 2.7 V
VDDQ−0.2
V
VOH
IOH = −8 mA
2.3 V
1.95
V
VOL
IOL = 100 µA
2.3 V to 2.7 V
0.2
V
VOL
IOL = 8 mA
2.3 V
0.35
V
II
All inputs
VI = VCC or GND
2.7 V
±5
µA
ICC
Static standby
RESET = GND
IO = 0
2.7 V
10
µA
ICC
Static operating
RESET = VCC, VI = VIH(AC) or VIL(AC)
IO = 0
2.7 V
25
mA
Dynamic operating −
clock only
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle
19
µA/
MHz
ICCD
Dynamic operating −
per each data input
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle,
One data input switching at one-half clock
frequency, 50% duty cycle
IO = 0
2.5 V
7
µA/
clock
MHz/
D input
Data inputs
VI = VREF ± 310 mV
2.5
3
3.5
Ci§
CLK, CLK
VICR = 1.25 V, VI(PP) = 360mV
2.5 V
2.5
3
3.5
pF
Ci
RESET
VI = VCC or GND
2.5 V
2.3
3
3.5
pF
† For this test condition, VDDQ always is equal to VCC.
‡ All typical values are at VCC = 2.5 V, TA = 25°C.
§ Measured at 50-MHz input frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com