Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF859 Datasheet(PDF) 8 Page - Texas Instruments

Part # SSF859
Description  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SSF859 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SSF859 Datasheet HTML 4Page - Texas Instruments SSF859 Datasheet HTML 5Page - Texas Instruments SSF859 Datasheet HTML 6Page - Texas Instruments SSF859 Datasheet HTML 7Page - Texas Instruments SSF859 Datasheet HTML 8Page - Texas Instruments SSF859 Datasheet HTML 9Page - Texas Instruments SSF859 Datasheet HTML 10Page - Texas Instruments SSF859 Datasheet HTML 11Page - Texas Instruments SSF859 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
74SSTVF16859G4RG4
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
HPA00025S8
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
SN74SSTVF16859G4R
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
SN74SSTVF16859GR
ACTIVE
TSSOP
DGG
64
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
SSTVF16859
SN74SSTVF16859GRG4
ACTIVE
TSSOP
DGG
64
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
SSTVF16859
SN74SSTVF16859S8
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
SN74SSTVF16859S8G3
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com