Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6G3244MEBJR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST6G3244MEBJR
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244MEBJR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST6G3244MEBJR Datasheet HTML 2Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 3Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 4Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 5Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 6Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 7Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 8Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 9Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Functional description
ST6G3244ME
6/27
Doc ID 022157 Rev 2
2
Functional description
Figure 1.
Pin connections
DAT2.h
DAT3.h
CMD.h
DAT0.h
DAT1.h
VCCA
CLK.h
CLK-f
GND
DAT0.dir
VCCB_OUT
VBAT
EN
CMDB
A
B
C
D
E
12
3
4
CMD.dir
CD
DAT123.di r
GND
WP
DAT2B
DAT3B
CLKB
DAT0B
DAT1B
5
DAT2.h
DAT3.h
CMD.h DAT0.h
DAT1.h
VCCA
CLK.h
CLK-f
GND
DAT0.di r
VCCB_OUT
VBAT
EN
CMDB
A
B
C
D
E
54
3
2
CMD.di r
CD
DAT123.dir
GND
WP
DAT2B
DAT3B
CLKB
DAT0B
DAT1B
1
Top through view
Bump side view
SEL
SEL
AM04955v1
Table 2.
Signal names (1)
Pin name
Bump
Type
Side
Description
VCCA
B3
Input
A
Host side positive power supply (1.8 V)
VCCB_OUT
B4
Output
B
Internal supply voltage decoupling, VCCB LDO output
VBAT
A4
Input
A
Battery power supply (3.0 - 5.0 V)
GND
C4
Ground
-
Ground
GND
C3
Ground
-
Ground
EN
C2
Input
A
Enable, active-high
SEL
B2
Input
A
VCCB selection (B-side supply voltage, 1.8 V/2.9 V)
CMD.dir
A2
Input
A
Command direction control
CMD.h
D2
I/O
A
Host side command
CLK.h
C1
Input
A
Host side clock input
CLK-f
E2
Output
A
Clock feedback to host
DAT0.dir
A3
Input
A
DAT0 direction control
DAT0.h
D1
I/O
A
Host side data input/output
DAT123.dir
E3
Input
A
DAT1, DAT2, DAT3 direction control
DAT1.h
E1
I/O
A
Host side data input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com