Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6G3244MEBJR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST6G3244MEBJR
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244MEBJR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST6G3244MEBJR Datasheet HTML 13Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 14Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 15Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 16Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 17Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 18Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 19Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 20Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ST6G3244ME
Data transmission
Doc ID 022157 Rev 2
17/27
6.3
Measurement of tSKEW (SD Card to host) from rising
edge CLK.h
Figure 8.
Example of measurement of tSKEW (SD Card to host) from rising edge
CLK.h
15 pF
Delay
15 pF
SD c
c
c
c
c
c
c
ca
ca
ca
a
a
a
a
arrrrrr
c
c
c
c
c
c
c
ca
ca
a
ca
a
a
a
arrrrrrr
Card
ST6G3244ME
CPU
CLK.h
CLK-f
DATx.dir = 1
B
x
T
A
D
h
.
x
T
A
D
CLKB
50 %
VCCA
0 V
DATx.h
50 %
VCCB
0 V
DATxB
t P(DATx.h -> DATxB)
50 %
VCCA
0 V
CLK.h
50 %
VCCB
0 V
CLKB
t P(CLK.h -> CLKB)
tSKEW = t P(CLK.h -> CLKB) – t P(DATx.h -> DATxB)
AM04962v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com