Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS581-01 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS581-01
Description  ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS581-01 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS581-01 Datasheet HTML 1Page - Integrated Device Technology ICS581-01 Datasheet HTML 2Page - Integrated Device Technology ICS581-01 Datasheet HTML 3Page - Integrated Device Technology ICS581-01 Datasheet HTML 4Page - Integrated Device Technology ICS581-01 Datasheet HTML 5Page - Integrated Device Technology ICS581-01 Datasheet HTML 6Page - Integrated Device Technology ICS581-01 Datasheet HTML 7Page - Integrated Device Technology ICS581-01 Datasheet HTML 8Page - Integrated Device Technology ICS581-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ICS581-01/02
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
ZDB AND MULTIPLEXER
IDT® ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
2
ICS581-01/02
REV M 110216
Pin Assignment
Clock Decoding
Tri-State and Power Down
Timeout Selection
Frequency Range Select
12
1
11
2
10
S0
SELA
3
9
S1
4
VDD
VDD
5
INA
6
CLK1
7
INB
8
GND
CLK2
CLK3
CLK4
FBIN
GND
OE0
OE1
16
15
14
13
16 pin 4.40 m il body (0.65 m m pitch) TSSO P
12
1
11
2
10
S0
DIV
3
9
S1
4
VDD
VDD
5
INA
6
CLK1
7
INB
8
GND
CLK2
CLK3
CLK4
FBIN
GND
OE0
OE1
16
15
14
13
16 pin 4.40 m il body (0.65 m m pitch) TSSO P
SELA
CLK1-4
0INB
1INA
ICS581-01 only
OE1
OE0
CLK1
CLK2-4
PLL
00
ZZ
Off
01
On
Z
On
10
ZOn
On
11
On
On
On
ICS581-01/02
Note: Z indicates that the output is in a high
impedance state
DIV
Nominal Timeout
0
3x period of INB
1
48x period of INB
ICS581-02 only
S1
S0
Input Range (MHz)
00
50 - 150
01
19 - 75
10
6 - 19
11
150 - 200
ICS581-01/02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com