Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS581-01 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS581-01
Description  ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS581-01 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS581-01 Datasheet HTML 2Page - Integrated Device Technology ICS581-01 Datasheet HTML 3Page - Integrated Device Technology ICS581-01 Datasheet HTML 4Page - Integrated Device Technology ICS581-01 Datasheet HTML 5Page - Integrated Device Technology ICS581-01 Datasheet HTML 6Page - Integrated Device Technology ICS581-01 Datasheet HTML 7Page - Integrated Device Technology ICS581-01 Datasheet HTML 8Page - Integrated Device Technology ICS581-01 Datasheet HTML 9Page - Integrated Device Technology ICS581-01 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ICS581-01/02
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
ZDB AND MULTIPLEXER
IDT® ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
6
ICS581-01/02
REV M 110216
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
 C
Note 1: Assumes clocks with same rise times, measured at VDD/2.
Note 2: Assumes identically loaded outputs with identical rise times, measured at VDD/2. The maximum skew between any two
clocks is 250 ps not 500 ps.
Note 3: Time taken for output to lock to new clock when mux selection changed from INA to INB.
Note 4. With 50 MHz on INA and 150 MHz on INB.
Note 5: With 100 MHz on both INA and INB, 180
 out of phase.
Input Capacitance
CIN
5pF
Output High Voltage
VOH
IOH = -12 mA
VDD-0.5
V
Output Low Voltage
VOL
IOL = 12 mA
0.5
V
Short Circuit Current
IOS
±70
mA
On-chip Pull-up
Resistor
RPU
S1=0, OE1=0,
SELA, DIV pins
250
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
6200
MHz
Input Clock Duty Cycle
at VDD/2
30
70
%
Skew
tSKEW
selected input clock to
FBIN, Note 1
-250
0
250
ps
between any output
clocks, Note 2
-250
0
250
ps
Transition Detector
Timeout
ICS581-02 only
DIV = 0
2
3
4
INB
periods
DIV = 1
32
48
64
INB
periods
Frequency Transition Time
tTRAN
50 to 150 MHz, Note 3, 4
70
200
s
100 to 100 MHz, Note 3,
5
410
s
Output Clock Rise Time
tOR
0.8 V to 2.0 V
1
2
ns
Output Clock Fall Time
tOF
2.0 V to 0.8 V
1
2
ns
Output Clock Duty Cycle
less than 133 MHz
at VDD/2, no load
45
55
%
greater than 133 MHz
at VDD/2, no load
40
60
%
with S0=S1=1
at VDD/2, no load
40
60
%
Absolute Output Clock
Period Jitter
tJA
Deviation from mean
±150
ps
One Sigma Output Clock
Period Jitter
tJA
40
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com