Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4802B Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4802B
Description  Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4802B Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4802B Datasheet HTML 1Page - National Semiconductor (TI) LM4802B Datasheet HTML 2Page - National Semiconductor (TI) LM4802B Datasheet HTML 3Page - National Semiconductor (TI) LM4802B Datasheet HTML 4Page - National Semiconductor (TI) LM4802B Datasheet HTML 5Page - National Semiconductor (TI) LM4802B Datasheet HTML 6Page - National Semiconductor (TI) LM4802B Datasheet HTML 7Page - National Semiconductor (TI) LM4802B Datasheet HTML 8Page - National Semiconductor (TI) LM4802B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
6.0V
Supply Voltage (V
1)
6.5V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
125˚C
Thermal Resistance
θ
JA (LLP)
59˚C/W
See AN-1187 ’Leadless Leadframe Packaging (LLP).’
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
DD)
2.7V
≤ V
DD
≤ 5.5V
Supply Voltage (V
1)
2.7V
≤ V
1
≤ 6.1V
Electrical Characteristics V
DD = 4.2V (Notes 1, 2)
The following specifications apply for V
DD = 4.2V, AV-BTL = 26dB, ZL = 2µF+30
Ω,C
B = 1.0µF, R1 = 56k
Ω,R
2 = 13k
Ω unless
otherwise specified. Limits apply for T
A = 25˚C. See Figure 1.
Symbol
Parameter
Conditions
LM4802B
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN =0,RLOAD = ∞
12
22
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND (Notes 9, 10)
0.1
2
µA (max)
V
SDIH
Shutdown Voltage Input High
SD1
SD2
1.5
1.4
V (min)
V
SDIL
Shutdown Voltage Input Low
SD1
SD2
0.5
0.4
V (max)
T
WU
Wake-up Time
C
B = 1.0µF
80
110
msec
(max)
V
OS
Output Offset Voltage
5
40
mV (max)
TSD
Thermal Shutdown Temperature
125
˚C (min)
V
OUT
Output Voltage Swing
THD = 1% (max), f = 1kHz,
Mono BTL
12
11
V
pp (min)
THD+N
Total Harmomic Distortion + Noise
V
OUT = 10Vp-p, f = 1kHz
0.05
1
%
e
OS
Output Noise
A-Weighted Filter, V
IN = 0V
105
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p, f = 100Hz
66
dB
V
FB
Feedback Pin Reference Voltage
Note 11
1.23
V
Electrical Characteristics V
DD = 3.0V (Notes 1, 2)
The following specifications apply for V
DD = 3.0V, AV-BTL = 26dB, ZL = 2µF+30
Ω,C
B = 1.0µF, R1 = 56k
Ω,R
2 = 13k
Ω unless
otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4802B
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
DD = 3.2V, VIN =0,RLOAD = ∞
15
25
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND (Notes 9, 10)
0.1
2
µA (max)
V
SDIH
Shutdown Voltage Input High
SD1
SD2
1.5
1.4
V (min)
V
SDIL
Shutdown Voltage Input Low
SD1
SD2
0.5
0.4
V (max)
T
WU
Wake-up Time
C
B = 1.0µF
80
110
msec
(max)
V
OS
Output Offset Voltage
5
40
mV (max)
TSD
Thermal Shutdown Temperature
125
˚C (min))
V
OUT
Output Voltage Swing
THD = 1% (max), f = 1kHz,
Mono BTL
12
11
V
pp (min)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com