Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4802B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4802B
Description  Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4802B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4802B Datasheet HTML 1Page - National Semiconductor (TI) LM4802B Datasheet HTML 2Page - National Semiconductor (TI) LM4802B Datasheet HTML 3Page - National Semiconductor (TI) LM4802B Datasheet HTML 4Page - National Semiconductor (TI) LM4802B Datasheet HTML 5Page - National Semiconductor (TI) LM4802B Datasheet HTML 6Page - National Semiconductor (TI) LM4802B Datasheet HTML 7Page - National Semiconductor (TI) LM4802B Datasheet HTML 8Page - National Semiconductor (TI) LM4802B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM4802B
Audio Power Amplifier with Boost Converter to Drive
Ceramic Speakers
General Description
The LM4802B integrates a Boost Converter with an Audio
Power Amplifier to drive Ceramic Speakers in portable ap-
plications. When powered by a 3V supply, it is capable of
forcing 12Vp-p across a 2µF + 30
Ω bridge-tied-load (BTL)
with less than 1% THD+N.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4802B does not require boot-
strap capacitors, or snubber circuits. Therefore it is ideally
suited for portable applications requiring high output voltage
and minimal size.
The LM4802B features a low-power consumption shutdown
mode. Additionally, the LM4802B features an internal ther-
mal shutdown protection mechanism.
The LM4802B contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during
turn-on and turn-off transitions.
The LM4802B is unity-gain stable. Its gain is set by external
resistors.
Key Specifications
j Quiescent Power Supply Current
12mA (typ)
j BTL Voltage Swing
(2µF + 30
Ω load, 1% THD+N,
V
DD = 3V)
12Vp-p (typ)
j Shutdown Current
2µA (max)
Features
n
Pop & click circuitry eliminates noise during turn-on and
turn-off transitions
n
Low, 2µA (max) shutdown current
n
Low, 12mA (typ) quiescent current
n
12Vp-p mono BTL output, load = 2µF + 30
Ω,V
DD =3V
n
Short circuit protection
n
Unity-gain stable
n
External gain configuration capability
Applications
n
Cellphone
n
PDA
Connection Diagram
LM4802BLQ (5x5)
20094184
Top View
Order Number LM4802BLQ
See NS Package Number 2LQAQ028
Boomer® is a registered trademark of National Semiconductor Corporation.
November 2004
© 2004 National Semiconductor Corporation
DS200941
www.national.com


Similar Part No. - LM4802B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4802B TI1-LM4802B Datasheet
1Mb / 24P
Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4802BLQ/NOPB TI1-LM4802BLQ/NOPB Datasheet
1Mb / 24P
Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4802BLQBD TI1-LM4802BLQBD Datasheet
1Mb / 24P
Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4802BLQX/NOPB TI1-LM4802BLQX/NOPB Datasheet
1Mb / 24P
Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4802B TI1-LM4802B_14 Datasheet
1Mb / 24P
Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
More results

Similar Description - LM4802B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD1047 FAIRCHILD-KSD1047 Datasheet
52Kb / 5P
Audio Power Amplifier DC to DC Converter
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Texas Instruments
LM4802B TI1-LM4802B_14 Datasheet
1Mb / 24P
Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Rev 2
logo
Jiaxing Heroic Technolo...
HT8692 HEROIC-HT8692 Datasheet
191Kb / 3P
6.5W Class D Audio Power Amplifier with BOOST Boost and Anti-Broken
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com