Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8C801801 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS8C801801
Description  Three chip enables for simple depth expansion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C801801 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS8C801801 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
6.42
2
AS8C803601, AS8C801801, 256K x 36, 512K x 18, 3.3V Synchronous SRAMs with
ZBT™
™
™
™
™
Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs
Commercial Temperature Range
Pin Definitions(1)
NOTE:
1. All synchronous inputs must meet specified setup and hold times with respect to CLK.
Symbol
Pin Function
I/O
Active
Description
A0-A18
Address Inputs
I
N/A
Synchronous Address inputs. The address register is triggered by a combination of the
rising edge of CLK, ADV/LD low, CEN low, and true chip enables.
ADV/LD
Advance / Load
I
N/A
ADV/LD is a synchronous input that is used to load the internal registers with new address
and control when it is sampled low at the rising edge of clock with the chip selected. When
ADV/LD is low with the chip deselected, any burst in progress is terminated. When ADV/LD
is sampled high then the internal burst counter is advanced for any burst that was in
progress. The external addresses are ignored when ADV/LD is s ampled high.
R/W
Read / Write
I
N/A
R/W signal is a synchronous input that identifies whether the current load cycle initiated is a
Read or Write access to the memory array. The data bus activity for the current cycle takes
place two clock cycles later.
CEN
Clock Enable
I
LOW
Synchronous Clock Enable Input. When CEN is sampled high, all other synchronous
inputs, including clock are ignored and outputs remain unchanged. The effect of CEN
sampled high on the device outputs is as if the low to high clock transition did not occur.
For normal operation, CEN must be sampled low at rising edge of clock.
BW1
-BW4
Individual B yte
Write Enables
I
LOW
Synchronous byte write enables. Each 9-bit byte has its own active low byte write enable.
On load write cycles (When R/W and ADV/LD are sampled low) the appropriate byte write
signal (BW1-BW4) must be valid. The byte write signal must also be valid on each cycle of
a burst write. Byte Write signals are ignored when R/W is sampled high. The appropriate
byte(s) of data are written into the device two cycles later. BW1-BW4 can all be tied low if
always doing write to the entire 36-bit word.
CE1
, CE2
Chip Enables
I
LOW
Synchronous active low chip enable. CE1 and CE2 are used with CE2 to e nable the AS8C
803601/ 801801 (CE1 or CE2 sampled high or CE2 sampled low) and ADV/LD low at the
rising edge of clock, initiates a deselect cycle. The ZBTTM has a two cycle deselect, i.e.,
the data bus will tri-state two clock cycles after deselect is initiated.
CE2
Chip Enable
I
HIGH
Synchronous active high chip enable. CE2 is used with CE1 and CE2 to enable the chip.
CE2 has inverted polarity but otherwise identical to CE1 and CE2.
CLK
Clock
I
N/A
This is the clock input to theAS8C803601/801801. Except for OE, all timing references for the
device are made with respect to the rising edge of CLK.
I/O0-I/O31
I/OP1-I/OP4
Data Inp ut/Output
I/O
N/A
Synchronous data input/output (I/O) p ins. Both the d ata input path and data output p ath are
registered and triggered by the rising edge of CLK.
LBO
Linear Burst Order
I
LOW
Burst order selection input. When LBO is high the Interleaved burst sequence is selected.
When LBO is low the Linear burst sequence is selected. LBO is a static input and it must
not change during device operation.
OE
Output Enable
I
LOW
Asynchronous output enable.OEmust be low to readdata fromtheAS8C803601/801801.When
OE
is high the I/O pins are in a high-impedance state. OE does not need to be actively
controlled for read and write cycles. In normal operation, OE can be tied low.
ZZ
Sleep Mode
I
N/A
Asynchronous sleep mode input. ZZ HIGH will gate the CLK internally and power down the
AS8C803601/801801to its lowest power consumption level.Data retention is guaranteed in
Sleep Mode.
VDD
Power Supply
N/A
N/A
3.3V core power supply.
VDDQ
Power Supply
N/A
N/A
3.3V I/O Supply.
VSS
Ground
N/A
N/A
Ground.
5304tbl 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com