Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8C801801 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS8C801801
Description  Three chip enables for simple depth expansion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C801801 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS8C801801 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
6.42
4
IDT71V65603, IDT71V65803, 256K x 36, 512K x 18, 3.3V Synchronous SRAMs with
ZBT™
™
™
™
™
Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Recommended DC Operating
Conditions
NOTES:
1. VIL (min.) = –1.0V for pulse width less than t
CYC
/2, once per cycle.
Functional Block Diagram
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDQ
I/O Supply Voltage
3.135
3.3
3.465
V
VSS
Supply Voltage
0
0
0
V
VIH
Input High Voltage - Inputs
2.0
____
VDD+0.3
V
VIH
Input High Voltage - I/O
2.0
____
VDDQ+0.3
V
VIL
InputLow Voltage
-0.3(1)
____
0.8
V
5304 tbl 04
Clk
DQ
DQ
DQ
Address A [0:18]
Control Logic
Address
Control
DI
DO
5304 drw 01
Clock
Data I/O [0:15],
I/O P[1:2]
D
Q
Output Register
Mux
Sel
Gate
OE
CE1, CE2, CE2
R/
W
CEN
ADV/
LD
BWx
LBO
512x18 BIT
MEMORY ARRAY
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com