Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8519KETTR-R-1 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 4Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 5Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 9Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 10Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 11Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
PWM DIMMING
Maximum PWM Dimming Until Off-
Time [2]
tPWML
Measured while PWM = low, during dimming
control and internal references are powered on
(exceeding tPWML results in shutdown)
–
32750
–
fSW
cycles
Minimum PWM On-Time
tPWMH(min1)
First cycle when powering up IC (VPWM = 0 to
3.3 V)
●
–
0.75
2
µs
tPWMH(min)
Subsequent PWM pulses
●
–
0.5
1
µs
PWM High to LED On Delay
td(PWMon)
Time between PWM going high and when LED
current reaches 90% of maximum (VPWM = 0 to
3.3 V)
●
–
0.2
0.5
µs
PWM Low to LED Off Delay
td(PWMoff)
Time between PWM going low and when LED
current reaches 10% of maximum (VPWM = 3.3
to 0 V)
●
–
0.36
0.5
µs
HYSTERESIS CONTROL
Hysteresis Window (A8519)
VHYST
Measured at VOUT pin when PWM = H to L
–
0.35
–
V
Hysteresis Window (A8519-1)
VHYST1
Measured at VOUT pin when PWM = H to L
–
0.15
–
V
GATE PIN
Gate Pin Sink Current
IG(sink)
VGATE = VIN, no input OCP fault
–
–113
–
μA
Gate Pin Source Current
IG(source)
VGATE = VIN – 6 V, input OCP fault tripped
–
6
–
mA
Gate Shutdown Delay When
Overcurrent Fault Is Tripped [2]
tFAULT
VIN – VSENSE = 200 mV, monitored at FAULT pin
–
–
3
µs
Gate Voltage
VGATE
Measured between GATE and VIN when gate
is on
–
–6.7
–
V
VSENSE PIN
VSENSE Pin Sink Current
IVSENSE
●
17.2
21.5
25.8
µA
VSENSE Trip Point
VSENSE(trip) Measured between VIN and VSENSE, Radj = 0
●
95
110
125
mV
FAULT PIN
FAULT Pull-Down Voltage
VFAULT
IFAULT = 1 mA
–
–
0.5
V
FAULT Pin Leakage Current
IFAULT(lkg)
VFAULT = 5 V
–
–
1
µA
THERMAL PROTECTION (TSD)
Thermal Shutdown Threshold [2]
TSD
Temperature rising
155
170
–
°C
Thermal Shutdown Hysteresis [2]
TSD(hys)
–
20
–
°C
ELECTRICAL CHARACTERISTICS [1]: Unless otherwise specified, specifications are valid at VIN = 16 V, TA= 25°C; ● indicates
specifications guaranteed over the full operating temperature range with TA = TJ = -40°C to 125°C; typical specifications are at TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
1
For input and output current specifications, negative current is defined as coming out of the node or pin (sourcing); positive current is defined as going into the node or pin
(sinking).
2
Ensured by design and characterization, not production tested.
3
Minimum VIN = 4.5 V is only required at startup. After startup is completed, IC can continue to operate down to VIN = 3.9 V
4
LED current is trimmed to cancel variations in both Gain and ISET voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com