Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8519KETTR-R-1 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 9Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 10Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 11Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 12Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 13Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
CHARACTERISTIC PERFORMANCE
8
80.00
81.00
82.00
83.00
84.00
85.00
86.00
87.00
88.00
89.00
10
12
14
16
10 × 4 LED
9 × 4 LED
8 × 4 LED
7 × 4 LED
Eff
%
Efficiency at 60 mA/Channel for Various LED Configurations
V(V)
IN
Efficiency Measurement
A8519 Evaluation Board Efficiency versus Input Voltage while
Disconnect Switch and Snubber Circuit are Used
0.1
78.00
80.00
82.00
84.00
86.00
88.00
90.00
92.00
0.2
0.3
0.4
10 × 4 LED
9 × 4 LED
8 × 4 LED
7 × 4 LED
Eff
%
Efficiency at V= 12 V for Various LED Configurations
IN
Total LED Current (A)
A8519 Evaluation Board Efficiency versus Total LED Current while
Disconnect Switch and Snubber Circuit are Used
Startup Waveforms
Start up at 100% PWM Dimming, VIN = 7 V, 4 Channels,
10 LEDs/Channel, 60 mA/Channel; Time base = 10 ms/Div
Start up at 0.02% PWM Dimming, VIN = 7 V, 4 Channels,
10 LEDs/Channel, 60 mA/Channel; Time base = 10 ms/Div
Higher efficiency can be achieved by:
• Using an inductor with low DCR.
• Using lower forward voltage drop and smaller junction
capacitance Schottky diode.
• Removing the snubber circuit; however, this might
compromise the EMI performance.
• Shorting out the disconnect switch and the input current sense
resistor; however, this will eliminate the output short-to-GND
protection feature.
• Lowering switching frequency. This will significantly improve
the efficiency; however, to avoid the EMI AM band limits,
careful switching frequency selection is required. In addition,
a larger inductor will be needed.
VOUT
VSW
ILED(TOTAL)
VOUT
VSW
ILED(TOTAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com